Electronic Components Datasheet Search
  English  ▼

X  

PC8374L Datasheet(PDF) 131 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 131 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 127Page - National Semiconductor (TI) PC8374L Datasheet HTML 128Page - National Semiconductor (TI) PC8374L Datasheet HTML 129Page - National Semiconductor (TI) PC8374L Datasheet HTML 130Page - National Semiconductor (TI) PC8374L Datasheet HTML 131Page - National Semiconductor (TI) PC8374L Datasheet HTML 132Page - National Semiconductor (TI) PC8374L Datasheet HTML 133Page - National Semiconductor (TI) PC8374L Datasheet HTML 134Page - National Semiconductor (TI) PC8374L Datasheet HTML 135Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 239 page
background image
8.0 Health Management (HM) (Continued)
Revision 1.1
131
www.national.com
Extended Device Enumeration
Extended Device Enumeration follows the Device Enumeration stage, as follows:
1. If device number 1 exists, the HM reads the device’s LM Device ID register and compares it to the LM96011 Device ID
value (24h), LM96010 Device ID value (22h) or LM96012 Device ID value (23h).
If the comparison is positive, the HM Channel Association related to the LM96011, LM96010 or LM96012 device takes place,
as described in “HM Channel Association”, below. If the comparison fails, the HM assumes a communication error with the
LMxx Sensor device occurred and proceeds accordingly (see Section 8.2.10 on page 139).
2. If device number 2 exists, the HM reads the device’s LM Device ID register and compares it to the LM95010 Device ID
value (21h).
If the comparison is positive, the HM Channel Association related to the optional LM95010 device takes place, as described
in“HM Channel Association”, below.
HM Channel Association
HM Channels are associated with the LMxx sensors according to Table 49 to Table 51.
There are four options:
• LM96011 provides two temperature channels (one remote diode, one ambient) and five voltage channels
• LM96011+LM95010 provides three temperature channels (one remote diode, two ambient) and five voltage channels
• LM96010 provides three temperature channels (two remote diode, one ambient) and five voltage channels
• LM96012 provides three temperature channels (two remote diode and one ambient) and no voltage channels
The appropriate option is determined by the results of the extended device enumeration.
Table 49. LMxx Sensor Association with HM Channels for LM96011 or LM96011+LM95010
Table 50. LMxx Sensor Association with HM Channels for LM96010
HM Channel
LMxx Sensor
Device Number
Function Number
Sensor Number
Temperature Zone1
1
1
SN1 (Thermal diode, 01h)
Temperature Zone2
1
1
SN0 (Local, 00h)
Temperature Zone31
1. Applicable if the optional LM95010 device exists.
2
1
SN0 (Local, 00h)
Voltage 2.5V
1
2
SN0 (2.5V, 00h)
Voltage Vccp
1
2
SN1 (Vccp, 01h)
Voltage 3.3V
1
2
SN2 (3.3V, 02h)
Voltage 5V
1
2
SN3 (5V, 03h)
Voltage 12V
1
2
SN4 (12V, 04h)
HM Channel
LMxx Sensor
Device Number
Function Number
Sensor Number
Temperature Zone1
1
1
SN1 (Thermal Diode, 01h)
Temperature Zone2
1
1
SN0 (Local, 00h)
Temperature Zone3
1
1
SN2 (Thermal Diode, 02h)
Voltage 2.5V
1
2
SN0 (2.5V, 00h)
Voltage Vccp
1
2
SN1 (Vccp, 01h)
Voltage 3.3V
1
2
SN2 (3.3V, 02h)
Voltage 5V
1
2
SN3 (5V, 03h)
Voltage 12V
1
2
SN4 (12V, 04h)
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com