Electronic Components Datasheet Search
  English  ▼

X  

PC8374L Datasheet(PDF) 132 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 132 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 128Page - National Semiconductor (TI) PC8374L Datasheet HTML 129Page - National Semiconductor (TI) PC8374L Datasheet HTML 130Page - National Semiconductor (TI) PC8374L Datasheet HTML 131Page - National Semiconductor (TI) PC8374L Datasheet HTML 132Page - National Semiconductor (TI) PC8374L Datasheet HTML 133Page - National Semiconductor (TI) PC8374L Datasheet HTML 134Page - National Semiconductor (TI) PC8374L Datasheet HTML 135Page - National Semiconductor (TI) PC8374L Datasheet HTML 136Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 239 page
background image
8.0 Health Management (HM) (Continued)
www.national.com
132
Revision1.1
Table 51. LMxx Sensor Association with HM Channels for LM96012
8.2.6
SensorPath Device Setting and Scanning
SensorPath Devices Setting
For HM support, one LM96011 device, one LM96010 device or one LM96012 device must be connected to the SensorPath
bus. If the LM96011 device is connected, an LM95010 device can also be connected (this is optional).
The following settings are performed, depending on the result of the Extended Device Enumeration (see “Extended Device
Enumeration” on page 131).
SensorPath Device Scanning
The HM automatically reads the data from the sensors.
After the HM completes device enumeration and setting, it is ready to accept an attention request from an LMxx Sensor
device. When an attention request is received, the HM scans all the available LMxx Sensor devices to detect the source of
the attention request.
HM Channel
LMxx Sensor
Device Number
Function Number
Sensor Number
Temperature Zone1
1
1
SN1 (Thermal Diode, 01h)
Temperature Zone2
1
1
SN0 (Local, 00h)
Temperature Zone3
1
1
SN2 (Thermal Diode, 02h)
LM96011: ● Function 1 is enabled by setting to 1 EnF1 bit in the Device Control Register (location 0101b).
● Function 2 is enabled by setting to 1 EnF2 bit in the Device Control Register (location 0101b).
● Attention request for function number 1 sensors is enabled by setting ATE bit in Temperature Control reg-
ister to 1 (location 1010b).
● Temperature sensors SN0 and SN1 are enabled by setting EnS0 and EnS1 in Temperature Control reg-
ister to 1 (location 1010b).
● Attention request for function number 2 sensors is enabled by setting ATE bit in Voltage Control register
to 1 (location 10010b).
● Voltage sensors SN0, SN1, SN2, SN3 and SN4 are enabled by setting EN0, EN1, EN2, EN3 and EN4 in
Voltage Control register to 1 (location 10010b).
LM95010: ● Function 1 is enabled by setting to 1 EnF1 bit in the Device Control Register (location 0101b).
● Attention request for function number 1 sensor is enabled by setting ATE bit in Temperature Control reg-
ister to 1 (location 1010b).
● Temperature sensors SN0 is enabled by setting EnS0 in Temperature Control register to 1 (location
1010b).
LM96010: ● Function 1 is enabled by setting to 1 EnF1 bit in the Device Control Register (location 0101b).
● Function 2 is enabled by setting to 1 EnF2 bit in the Device Control Register (location 0101b).
● Attention request for function number 1 sensors is enabled by setting ATE bit in Temperature Control reg-
ister to 1 (location 1010b).
● Temperature sensors SN0, SN1 and SN2 are enabled by setting EnS0, EnS1 and EnS2 in Temperature
Control register to 1 (location 1010b).
● Attention request for function number 2 sensors is enabled by setting ATE bit in Voltage Control register
to 1 (location 10010b).
● Voltage sensors SN0, SN1, SN2, SN3 and SN4 are enabled by setting EN0, EN1, EN2, EN3 and EN4 in
Voltage Control register to 1 (location 10010b).
LM96012: ● Function 1 is enabled by setting to 1 EnF1 bit in the Device Control Register (location 0101b).
● Attention request for function number 1 sensors is enabled by setting ATE bit in Temperature Control reg-
ister to 1 (location 1010b).
● Temperature sensors SN0, SN1 and SN2 are enabled by setting EnS0, EnS1 and EnS2 in Temperature
Control register to 1 (location 1010b).
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com