Electronic Components Datasheet Search
  English  ▼

X  

AD1941 Datasheet(PDF) 5 Page - Analog Devices

Part # AD1941
Description  SigmaDSP-TM Multichannel 28-Bit Audio Processor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1941 Datasheet(HTML) 5 Page - Analog Devices

  AD1941 Datasheet HTML 1Page - Analog Devices AD1941 Datasheet HTML 2Page - Analog Devices AD1941 Datasheet HTML 3Page - Analog Devices AD1941 Datasheet HTML 4Page - Analog Devices AD1941 Datasheet HTML 5Page - Analog Devices AD1941 Datasheet HTML 6Page - Analog Devices AD1941 Datasheet HTML 7Page - Analog Devices AD1941 Datasheet HTML 8Page - Analog Devices AD1941 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Preliminary Technical Data
AD1941
Rev. PrE | Page 5 of 32
ABSOLUTE MAXIMUM RATINGS
Table 8.
Parameter
Min
Max
Unit
VDD to DGND
–0.3
+3.0
V
PLL_ VDD to PGND
–0.3
+3.0
V
OD VDD to DGND
–0.3
+6.0
V
INVDD to DGND
ODVDD
+6.0
V
Digital Inputs
DGND – 0.3
INVDD + 0.3
V
Maximum Junction Temperature
135
°C
Storage Temperature Range
–65
+150
°C
Soldering (10 sec)
300
°C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only;
functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is
not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Table 9. Package Characteristics
Parameter
Min
Typ
Max
Unit
θJA Thermal Resistance (Junction-to-Ambient)
72
°C/W
θJC Thermal Resistance (Junction-to-Case)
19.5
°C/W
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com