Electronic Components Datasheet Search
  English  ▼

X  

AD1941 Datasheet(PDF) 22 Page - Analog Devices

Part # AD1941
Description  SigmaDSP-TM Multichannel 28-Bit Audio Processor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1941 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD1941 Datasheet HTML 18Page - Analog Devices AD1941 Datasheet HTML 19Page - Analog Devices AD1941 Datasheet HTML 20Page - Analog Devices AD1941 Datasheet HTML 21Page - Analog Devices AD1941 Datasheet HTML 22Page - Analog Devices AD1941 Datasheet HTML 23Page - Analog Devices AD1941 Datasheet HTML 24Page - Analog Devices AD1941 Datasheet HTML 25Page - Analog Devices AD1941 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
AD1941
Preliminary Technical Data
Rev. PrE | Page 22 of 32
used with ADI-supplied blocks. For normal operation, this
register may be left in its default state, which sets up the entire
RAM to use the autoincrement feature. This feature is included
for maximum programming flexibility and may be used in the
case of specialized software development.
CONTROL PORT READ/WRITE DATA FORMATS
The read/write formats of the control port are designed to be
byte-oriented. This allows for easy programming of common
microcontroller chips. In order to fit into a byte-oriented
format, 0s are appended to the data fields before the MSB in
order to extend the data word to the next multiple of eight bits.
For example, 28-bit words written to the parameter RAM are
appended with four leading 0s in order to reach 32 bits
(4 bytes); 40-bit words written to the program RAM are not
appended with any 0s because it is already a full 5 bytes. These
zero-extended data fields are appended to a 3-byte field
consisting of a 7-bit chip address, a read/write bit, and an 11-bit
RAM/register address. The control port knows how many data
bytes to expect based on the address that is received in the first
three bytes.
The total number of bytes for a single-location write command
can vary from four bytes (for a control register write), to eight
bytes (for a program RAM write). Burst mode may be used to
fill contiguous register or RAM locations. A burst mode write is
done by writing the address and data of the first RAM/register
location to be written. Rather than ending the control port
transaction (by bringing the CLATCH signal high in the
AD1941, after the data word, as would be done in a single-
address write, the next data word can be written immediately
without first writing its specific address. The AD1941 control
port auto-increments the address of each write, even across the
boundaries of the different RAMs and registers.
Table 21. Parameter RAM Read/Write Format (Single Address)
Byte 0
Byte 1
Byte 2
Byte 3
Bytes 4–6
chip_adr [6:0], W/R
0000, param_adr[11:8]
param_adr[7:0]
0000, param[27:24]
param [23:0]
Table 22. Parameter RAM Block Read/Write Format (Burst Mode)
Byte 0
Byte 1
Byte 2
Byte 3
Bytes 4–6
Byte 7
Byte 11
chip_adr [6:0], W/R
0000, param_adr[11:8]
param_adr[7:0]
0000, param[27:24]
param[23:0]
Byte 8
Byte 12
Byte 9
Byte 13
Byte 10
Byte 14
<—param_adr—>
param_adr + 1
param_adr + 2
Table 23. Program RAM Read/Write Format (Single Address)
Byte 0
Byte 1
Byte 2
Bytes 3–7
chip_adr [6:0], W/R
0000, prog_adr[11:8]
prog_adr[7:0]
prog[39:0]
Table 24. Program RAM Block Read/Write Format (Burst Mode)
Byte 0
Byte 1
Byte 2
Byte 3-7
Byte 8
Byte 13
chip_adr [6:0], W/R
0000, prog_adr[11:8]
prog_adr[7:0]
prog[39:0]
Byte 9
Byte 14
Byte 10
Byte 15
Byte 11
Byte 16
Byte 12
Byte 17
<—prog_adr—>
prog_adr +1
prog_adr +2
Table 25. Control Register Read/Write Format (Core, Serial Out 0, Serial Out 1)
Byte 0
Byte1
Byte 2
Byte 3
Byte 4
chip_adr [6:0], W/R
0000, reg_adr[11:8]
reg_adr[7:0]
data[15:8]
data[7:0]
Table 26. Control Register Read/Write Format (RAM Configuration, Serial Input)
Byte 0
Byte1
Byte 2
Byte 3
chip_adr [6:0], W/R
0000, reg_adr[11:8]
reg_adr[7:0]
data[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com