Electronic Components Datasheet Search
  English  ▼

X  

AD1941 Datasheet(PDF) 1 Page - Analog Devices

Part # AD1941
Description  SigmaDSP-TM Multichannel 28-Bit Audio Processor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1941 Datasheet(HTML) 1 Page - Analog Devices

  AD1941 Datasheet HTML 1Page - Analog Devices AD1941 Datasheet HTML 2Page - Analog Devices AD1941 Datasheet HTML 3Page - Analog Devices AD1941 Datasheet HTML 4Page - Analog Devices AD1941 Datasheet HTML 5Page - Analog Devices AD1941 Datasheet HTML 6Page - Analog Devices AD1941 Datasheet HTML 7Page - Analog Devices AD1941 Datasheet HTML 8Page - Analog Devices AD1941 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
SigmaDSPTM Multichannel
28-Bit Audio Processor
Preliminary Technical Data
AD1941
Rev. PrE
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
16-channel digital audio processor
Accepts sample rates up to 192 kHz
28-bit × 28-bit multiplier with full 56-bit accumulator
Fully-programmable program RAM for custom
program download
Parameter RAM allows complete control of 1,024 parameters
Control port features safeload for transparent parameter
updates and complete mode and memory transfer control
Target/slew RAM for click-free volume control and dynamic
parameter updates
Double precision mode for full 56-bit processing
PLL for generating MCLK from 64 × fS, 256 × fS, 384 × fS, or
512 × fS clocks
Hardware-accelerated DSP core
21 kB (6,144 words) data memory for up to 128 ms of audio
delay at fs = 48 kHz
Flexible serial data port with I2S compatible, left-justified,
and right-justified serial port modes
8- and 16-channel TDM input/output modes
On-chip voltage regulator for compatibility with 3.3 V and
5 V systems
Programmable low power mode
Fast start-up and boot time from power on or reset
48-lead LQFP plastic package
APPLICATIONS
Automotive sound systems
Digital televisions
Home theater systems (Dolby Digital/DTS postprocessor)
Multichannel audio systems
Mini-component stereos
Multimedia audio
Digital speaker crossover
Musical instruments
In-seat sound systems (aircrafts/motor coaches)
FUNCTIONAL BLOCK DIAGRAM
VOLTAGE
REGULATOR
AD1940
28
× 28
DSP CORE
DATA FORMAT:
PLL
SERIAL
CONTROL
INTERFACE
SERIAL DATA/
TDM INPUTS
MASTER
CLOCK
INPUT
SPI I/O
RAM
ROM
SERIAL
DATA/
TDM
OUTPUTS
2
4
4
2
2
5.23 (SINGLE
PRECISION)
10.46 (DOUBLE
PRECISION)
Figure 1.
GENERAL DESCRIPTION
The AD1941 is a complete 28-bit, single-chip, multichannel
audio DSP for equalization, multiband dynamics processing,
delay compensation, speaker compensation, and image
enhancement. These algorithms can be used to compensate for
the real-world limitations of speakers, amplifiers, and listening
environments, resulting in a dramatic improvement of
perceived audio quality.
The signal processing used in the AD1941 is comparable to that
found in high end studio equipment. Most of the processing is
done in full, 56-bit double-precision mode, resulting in very
good low level signal performance and the absence of limit
cycles or idle tones. The dynamics processor uses a sophisti-
cated, multiple-breakpoint algorithm often found in high end
broadcast compressors.
The AD1941 is a fully-programmable DSP. Easy to use software
allows the user to graphically configure a custom signal
processing flow using blocks such as biquad filters, dynamics
processors, and surround sound processors. An extensive
control port allows click-free parameter updates, along with
readback capability from any point in the algorithm flow.
The AD1941’s digital input and output ports allow a glueless
connection to ADCs and DACs by multiple, 2-channel serial
data streams or TDM data streams. When in TDM mode, the
AD1941 can input 8 or 16 channels of serial data, and can
output either 8 or 16 channels of serial data. The input and
output port configurations can be individually set. The AD1941
is controlled on a 2-wire I2C bus.


Similar Part No. - AD1941

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1941 AD-AD1941_15 Datasheet
421Kb / 36P
SigmaDSP Multichannel 28-Bit Audio Processor
REV. B
More results

Similar Description - AD1941

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1940 AD-AD1940 Datasheet
690Kb / 32P
SigmaDSP-TM Multichannel 28-Bit Audio Processor
ADAU1701 AD-ADAU1701 Datasheet
624Kb / 43P
SigmaDSP 28/56-Bit Audio Processor with 2ADC/4DAC
ADAU1401A AD-ADAU1401A Datasheet
1Mb / 52P
SigmaDSP 28-/56-Bit Audio Processor with Two ADCs and Four DACs
REV. 0
AD1940 AD-AD1940_15 Datasheet
421Kb / 36P
SigmaDSP Multichannel 28-Bit Audio Processor
REV. B
AD1941 AD-AD1941_15 Datasheet
421Kb / 36P
SigmaDSP Multichannel 28-Bit Audio Processor
REV. B
ADAU1401 AD-ADAU1401_15 Datasheet
903Kb / 52P
SigmaDSP 28-/56-Bit Audio Processor with Two ADCs and Four DACs
REV. C
ADAU1452 AD-ADAU1452 Datasheet
9Mb / 180P
SigmaDSP Digital Audio Processor
REV. C
ADAU1401A AD-ADAU1401A_17 Datasheet
859Kb / 53P
SigmaDSP 28-/56-Bit Audio Processor
Rev. A
ADAU1702 AD-ADAU1702_17 Datasheet
1Mb / 53P
SigmaDSP 28-/56-Bit Audio Processor
Rev. D
ADAU1701 AD-ADAU1701_16 Datasheet
1Mb / 52P
SigmaDSP 28-/56-Bit Audio Processor
5/16-Rev. B to Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com