Electronic Components Datasheet Search
  English  ▼

X  

AD1941 Datasheet(PDF) 9 Page - Analog Devices

Part # AD1941
Description  SigmaDSP-TM Multichannel 28-Bit Audio Processor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1941 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD1941 Datasheet HTML 5Page - Analog Devices AD1941 Datasheet HTML 6Page - Analog Devices AD1941 Datasheet HTML 7Page - Analog Devices AD1941 Datasheet HTML 8Page - Analog Devices AD1941 Datasheet HTML 9Page - Analog Devices AD1941 Datasheet HTML 10Page - Analog Devices AD1941 Datasheet HTML 11Page - Analog Devices AD1941 Datasheet HTML 12Page - Analog Devices AD1941 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Preliminary Technical Data
AD1941
Rev. PrE | Page 9 of 32
Pin No.
I/O
Mnemonic
Description
34
IN/OUT
LRCLK_OUT1
Left/Right Clock Output 1.
35
IN/OUT
BCLK_OUT1
Bit Clock Output 1.
38
OUT
SDATA_OUT4/TDM_O1
Serial Data Output 4./TDM (8-Channel) Output 1
39
OUT
SDATA_OUT5
Serial Data Output 5.
41
OUT
SDATA_OUT6
Serial Data Output 6.
42
OUT
SDATA_OUT7/DCSOUT
Serial Data Output 7/Data Capture Output.
43
INVDD
Input Voltage Reference.
44
IN
VSUPPLY
Voltage Level Input to Regulator. Usually 3.3 V or 5 V.
45
IN
VSENSE
Digital Power Level. Should be tied to VDD.
46
OUT
VDRIVE
Drive for External PNP Transistor.
47
OUT
VREF
Reference Level for Voltage Regulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com