| Electronic Components Datasheet Search |
|
AD1941 Datasheet(PDF) 25 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD1941 Datasheet(HTML) 25 Page - Analog Devices |
|
25 / 32 page ![]() Preliminary Technical Data AD1941 Rev. PrE | Page 25 of 32 Table 33. Serial Output Control Register 1 (Channels 0–7) (2644) Register Bits Function 15 Dither Enable 0 = Diabled 1 = Enabled 14 Internally Link TDM Streams into Single, 16-Channel Stream 0 = Indepenent 1 = Linked 13 LRCLK Polarity 0 = Frame Begins on Falling Edge 1 = Frame Begins on Rising Edge 12 BCLK Polarity 0 = Data Changes on Falling Edge 1 = Data Changes on Rising Edge 11 Master/Slave 0 = Slave 1 = Master 10:9 BCLK Frequency (Master Mode only) 00 = core_clock/24 01 = core_clock/12 10 = core_clock/6 11 = core_clock/3 8:7 Frame Sync Frequency (Master Mode only) 00 = core_clock/1536 01 = core_clock/768 10 = core_clock/384 6 Frame Sync Type 0 = LRCLK 1 = Pulse 5 Serial Output/TDM Mode Control 0 = 8 Serial Data Outputs 1 = Enable TDM (8- or 16-Channel) on SDATA_OUT0 4:2 MSB Position 000 = Delay by 1 001 = Delay by 0 010 = Delay by 8 011 = Delay by 12 100 = Delay by 16 101 Reserved 111 Reserved 1:0 Output Word Length, Channels 0–7 00 = 24 Bits 01 = 20 Bits 10 = 16 Bits 11 = 16 Bits Table 34. Serial Output Control Register 2 (Channels 8–15) (2645) Register Bits Function 15 Dither Enable 0 = Disabled 1 = Enabled 14 Data Capture Serial Out Enable (Uses SDATA_OUT7) 0 = Disable 1 = Enable 13 LRCLK Polarity 0 = Frame Begins on Falling Edge 1 = Frame Begins on Rising Edge 12 BCLK Polarity 0 = Data Changes on Falling Edge 1 = Data Changes on Rising Edge 11 Master/Slave 0 = Slave 1 = Master 10:9 BCLK Frequency (Master Mode only) 00 = core_clock/24 01 = core_clock/12 10 = core_clock/6 11 = core_clock/3 8:7 Frame Sync Frequency (Master Mode only) 00 = core_clock/1536 01 = core_clock/768 10 = core_clock/384 6 Frame Sync Type 0 = LRCLK 1 = Pulse 5 Serial Output/TDM Mode Control 0 = 8 Serial Data Outputs 1 = Enable TDM on SDATA_OUT4 (8-Channel) or SDATA_OUT0 (16-Channel) 4:2 MSB Position 000 = Delay by 1 001 = Delay by 0 010 = Delay by 8 011 = Delay by 12 100 = Delay by 16 101 Reserved 111 Reserved 1:0 Output Word Length, Channels 8–15 00 = 24 Bits 01 = 20 Bits 10 = 16 Bits 11 = 16 Bits |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |