Electronic Components Datasheet Search
  English  ▼

X  

AD1941 Datasheet(PDF) 12 Page - Analog Devices

Part # AD1941
Description  SigmaDSP-TM Multichannel 28-Bit Audio Processor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1941 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD1941 Datasheet HTML 8Page - Analog Devices AD1941 Datasheet HTML 9Page - Analog Devices AD1941 Datasheet HTML 10Page - Analog Devices AD1941 Datasheet HTML 11Page - Analog Devices AD1941 Datasheet HTML 12Page - Analog Devices AD1941 Datasheet HTML 13Page - Analog Devices AD1941 Datasheet HTML 14Page - Analog Devices AD1941 Datasheet HTML 15Page - Analog Devices AD1941 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
AD1941
Preliminary Technical Data
Rev. PrE | Page 12 of 32
VREF
Voltage Reference for Regulator. This pin is driven by an
internal 1.15 V reference voltage.
VDRIVE
Drive for External Transistor. The base of the voltage regulator’s
external PNP transistor is driven from this pin.
VSENSE
Digital power level. The voltage level on the VDD pins is sensed
on VSENSE. VSENSE should be tied to VDD.
VSUPPLY
Main Supply Voltage Level. This pin is tied to the board’s main
voltage supply. This is usually 3.3 V or 5 V.
VDD (4)
Digital VDD for Core. 2.5 V nominal.
GND (4)
Digital Ground.
PLL_VDD
Supply for AD1941 PLL. 2.5 V nominal.
PLL_GND
PLL Ground.
ODVDD (3)
VDD for All Digital Outputs. The high levels of the digital
output signals are set on this pin. The voltage can range from
2.5 V to 5.0 V.
INVDD
Peak Input Voltage Level. The highest voltage level that the
input pins will see should be connected to INVDD. This is to
protect the chip inputs from voltage overstress. The voltage on
this pin must always be at or above the level of ODVDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com