Electronic Components Datasheet Search
  English  ▼

X  

AD1941 Datasheet(PDF) 29 Page - Analog Devices

Part # AD1941
Description  SigmaDSP-TM Multichannel 28-Bit Audio Processor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1941 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD1941 Datasheet HTML 24Page - Analog Devices AD1941 Datasheet HTML 25Page - Analog Devices AD1941 Datasheet HTML 26Page - Analog Devices AD1941 Datasheet HTML 27Page - Analog Devices AD1941 Datasheet HTML 28Page - Analog Devices AD1941 Datasheet HTML 29Page - Analog Devices AD1941 Datasheet HTML 30Page - Analog Devices AD1941 Datasheet HTML 31Page - Analog Devices AD1941 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
Preliminary Technical Data
AD1941
Rev. PrE | Page 29 of 32
INITIALIZATION
POWER-UP SEQUENCE
The AD1941 has a built-in power-up sequence that initializes
the contents of all internal RAMs. During this time, the
contents of the internal program boot ROM are copied to the
internal program RAM memory, and the parameter RAM
(all 0s) is filled with values from its associated boot ROM. The
default boot ROM program simply copies the serial inputs to
the serial outputs with no processing. The data memories are
also cleared during this time.
The boot sequence, which starts on the rising edge of the
RESETB pin, lasts for 8,192 cycles of the signal on the MCLK
pin at start-up. Assuming even the slowest possible signal on
this pin, a 64 × fS clock, the boot sequence will still complete
before the PLL locks to the input clock. Since the boot sequence
requires a stable master clock, the user should avoid writing to
or reading from the registers until the MCLK input signal has
settled and the PLL has locked. The PLL takes approximately
3 ms to lock. Coming out of reset, the clock mode is imme-
diately set by the PLL_CTRL0, PLL_CTRL1, and PLL_CTRL2
pins. Reset is synched to the falling edge of the internal MCLK.
The power-up default signal processing flow in the AD1941
simply takes the eight inputs and copies these signals to the
16 digital outputs, as shown in Figure 23.
SDATA_IN0
SDATA_IN1
SDATA_IN2
SDATA_IN3
SDATA_OUT0
SDATA_OUT1
SDATA_OUT2
SDATA_OUT3
SDATA_OUT4
SDATA_OUT5
SDATA_OUT6
SDATA_OUT7
Figure 23. Default Program Signal Flow
SETTING MASTER CLOCK/PLL MODE
The AD1941’s MCLK input feeds a PLL, which generates the
1536 × fS clock to run the DSP core. In normal operation, the
input to MCLK must be one of the following; 64 × fS, 256 × fS,
384 × fS, or 512 × fS, where fS is the input sampling rate. The
mode is set on PLL_CTRL0, PLL_CTRL1, and PLL_CTRL2,
according to Table 36. If the AD1941 is set to receive double-
rate signals (by reducing the number of program steps/sample
by a factor of 2 using the core control register), then the master
clock frequencies must be either 32 × fS, 128 × fS, 192 × fS, or
256 × fS. If the AD1941 is set to receive quad-rate signals (by
reducing the number of program steps/sample by a factor of 4
using the core control register), then the master clock
frequencies must be one of 16 × fS, 64 × fS, 96 × fS, or 128 × fS.
On power-up, a clock signal must be present on MCLK so that
the AD1941 can complete its initialization routine. The PLL can
also run in bypass mode, where the clock present on MCLK is
fed directly to the DSP core, although this setting is not
recommended for normal operation.
Table 36. PLL Modes
MCLK Input
PLL_CTRL2
PLL_CTRL1
PLL_CTRL0
64 × fS
0
0
0
256 × fS
0
1
0
384 × fS
X1
X1
1
512 × fS
1
0
0
Bypass
1
1
0
1 X = don’t care
The clock mode should not be changed without also resetting
the AD1941. If the mode is changed on the fly, a click or pop
may result on the outputs. The state of the PLL_CTRLx pins
should be changed while RESETB is held low.
VOLTAGE REGULATOR
The AD1941 includes an on-board voltage regulator that allows
the chip to be used in systems where a 2.5 V supply is not
available, but 3.3 V or 5 V is. The only external components
needed for this are a PNP transistor such as an FZT953, a single
capacitor, and a single resistor. The recommended design for the
voltage regulator is shown in Figure 24. The 10 µF and 100 nF
capacitors shown in this schematic are recommended for
bypassing, but are not necessary for operation. Here, VDD is the
main system voltage (3.3 V or 5 V) and should be connected to
VSUPPLY. 2.5 V is generated at the transistor’s collector, which
is connected to the VDD pins, PLL_VDD and VSENSE. The
reference voltage on VREF is 1.15 V and is generated by the
regulator. A 1 nF capacitor should be connected between this
pin and ground. VDRIVE is connected to the base of the PNP
transistor. A 1 kΩ resistor should be connected between
VDRIVE and VSUPPLY.
If the regulator is not used in the design, VSUPPLY, VREF,
VDRIVE, and VSENSE can be tied to ground.
10
µF
10
µF
100nF
100nF
1nF
1k
Ω
AD1940
DVDD
FZT953
+
+
Figure 24. Voltage Regulator Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com