Electronic Components Datasheet Search
  English  ▼

X  

AD1941 Datasheet(PDF) 10 Page - Analog Devices

Part # AD1941
Description  SigmaDSP-TM Multichannel 28-Bit Audio Processor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1941 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD1941 Datasheet HTML 6Page - Analog Devices AD1941 Datasheet HTML 7Page - Analog Devices AD1941 Datasheet HTML 8Page - Analog Devices AD1941 Datasheet HTML 9Page - Analog Devices AD1941 Datasheet HTML 10Page - Analog Devices AD1941 Datasheet HTML 11Page - Analog Devices AD1941 Datasheet HTML 12Page - Analog Devices AD1941 Datasheet HTML 13Page - Analog Devices AD1941 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
AD1941
Preliminary Technical Data
Rev. PrE | Page 10 of 32
FEATURES
The core of the AD1941 is a 28-bit DSP (56-bit with double
precision) optimized for audio processing.
The AD1941 contains a program RAM that is initialized from
an internal program ROM on power-up. The program RAM
can be loaded with a custom program after power-up. Signal
processing parameters are stored in a 1024-location parameter
RAM, which is initialized on power-up by an internal boot-
ROM. New values are written to the parameter RAM using the
control port. The values stored in the parameter RAM control
individual signal processing blocks, such as IIR equalization
filters, dynamics processors, audio delays, and mixer levels. A
safeload feature allows parameters to be transparently updated
without causing clicks on the output signals.
The target/slew RAM contains 64 locations and can be used as
channel volume controls or for other parameter updates. These
RAM locations take a target value for a given parameter and
ramp the current parameter value to the new value using a
specified time constant and one of a selection of linear or
logarithmic curves.
The AD1941 has a sophisticated control port that supports
complete read/write capability of all memory locations. Five
control registers (core, RAM configuration, Serial Output 0 to 7,
Serial Output 8 to 15, and serial input) are provided to offer
complete control of the chip’s configuration and serial modes.
Handshaking is included for ease of memory
uploads/downloads.
The AD1941 contains eight independent data capture circuits
that can be programmed to tap the signal flow of the processor
at any point in the DSP algorithm flow. Six of these captured
signals can be accessed by reading from the data capture
registers through the control port. The remaining two data
capture registers can be used to send any internal captured
signal to a stereo digital output signal on Pin SDATA_OUT7 for
driving external DACs or digital analyzers.
The AD1941 has very flexible serial data input/output ports that
allows for glueless interconnection to a variety of ADCs, DACs,
general-purpose DSPs, S/PDIF receivers, and sample rate
converters. The AD1941 can be configured in I2S, left-justified,
right-justified, or TDM serial port compatible modes. It can
support 16, 20, and 24 bits in all modes. The AD1941 accepts
serial audio data in MSB first and twos complement format.
The AD1941 operates from a single 2.5 V power supply. It is
fabricated on a single monolithic integrated circuit and is
housed in a 48-lead LQFP package for operation over the
–40°C to +105°C temperature range.
28
× 28
DSP CORE
DATA FORMAT:
5.23 (SINGLE PRECISION)
10.46 (DOUBLE PRECISION)
VOLTAGE REGULATOR
MEMORY CONTROLLERS
CONTROL
REGISITER
TRAP REG.
SAFELOAD
REGISTER
SERIAL
CONTROL
PORT
MCLK
PLL
DATA MEMORY
6k
× 28
TARGET/SLEW
RAM
64
× 28
SERIAL
DATA/TDM
INPUT
GROUP
PLL MODE
SELECT
MASTER
CLOCK
INPUT
SPI I/O
GROUP
RESETB
PROGRAM
RAM
1536
× 40
PARAMETER
RAM
1024
× 28
COEFFICIENT
ROM
512
× 28
2
2
4
4
2
2
SERIAL DATA/
TDM OUTPUT
GROUP
REGULATOR
GROUP
Figure 6. Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com