Electronic Components Datasheet Search
  English  ▼

X  

ADPD4200 Datasheet(PDF) 30 Page - Analog Devices

Part # ADPD4200
Description  Multimodal Sensor Front End
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4200 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADPD4200 Datasheet HTML 26Page - Analog Devices ADPD4200 Datasheet HTML 27Page - Analog Devices ADPD4200 Datasheet HTML 28Page - Analog Devices ADPD4200 Datasheet HTML 29Page - Analog Devices ADPD4200 Datasheet HTML 30Page - Analog Devices ADPD4200 Datasheet HTML 31Page - Analog Devices ADPD4200 Datasheet HTML 32Page - Analog Devices ADPD4200 Datasheet HTML 33Page - Analog Devices ADPD4200 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 93 page
background image
Data Sheet
ADPD4200
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 30 of 93
fourth pulses, effectively cancelling out the ambient light, electrical
offsets, and drift.
Additionally, set the INPUT_R_SELECT_x bit field equal to 1 to
place a 6.5 kΩ resistor in series between the photodiode and the
TIA input to slow the inrush of current from the photodiode when
the input switch is closed.
Table 19 details the relevant registers for float LED mode.
Figure 27. Four Pulse Float Mode Operation
Table 19. Float LED Mode Settings
Group
Time Slot A Register Address1 Bit Field Name
Description
Signal Path Setup
0x0100, Bits[13:12]
SAMPLE_TYPE_x
Leave at the default setting (0) for default sampling mode.
0x0100, Bits[11:10]
INPUT_R_SELECT_x
Set to 0x1 for 6.25 kΩ series input resistor.
0x0101, Bits[8:0]
AFE_PATH_CFG_x
Set to 0x0E6 for TIA, integrator, and ADC. Bypass BPF.
0x0102, Bits[15:12], 0x0102,
Bits[3:0]
INPxx_x
Enable desired inputs.
0x0103, Bits[14:12]
PRECON_x
Set to 0x4 to precondition anode of photodiode to the input of the TIA.
0x0103, Bits[7:6], 0x0103,
Bits[1:0]
VCx_SEL_x
Set to 0x2 to set ~250 mV reverse bias across photodiode.
0x0104, Bits[5:0]
TIA_GAIN_CHx_x
Select TIA gain (100 kΩ or 200 kΩ for float mode).
0x0104, Bits[9:8]
AFE_TRIM_VREF_x
Set to 0x2 to set TIA_VREF = 0.9 V.
Float Mode Configuration 0x0107, Bits[15:8]
NUM_INT_x
Set to 1 for a single integration per group of ADC conversions.
0x0107, Bits[7:0]
NUM_REPEAT_x
Number of sequence repeats. Must be set to a multiple of 2 for float mode.
0x0108, Bits[13:12]
MOD_TYPE_x
Set to 0x1 for float mode operation.
0x0108, Bits[9:0]
MIN_PERIOD_x
Set the period to accommodate float time plus connect time, in 1 μs increments.
0x010A, Bits[4:0]
INTEG_WIDTH_x
Integration time in µs. Set to MOD_WIDTH_x + 1.
0x010A, Bits[10:8], 0x010A,
Bits[14:12]
CHx_AMP_DISABLE_x
Set 0x010A, Bit 9 to 1 to power down the BPF for Channel 1, and Bit 13 to 1 to
power down the BPF for Channel 2 if Channel 2 is enabled.
0x010B, Bits[12:0]
INTEG_OFFSET_x
Integration sequence start time. Set to (MOD_OFFSET_x − INTEG_WIDTH_x –
250 ns).
0x010C, Bits[15:8]
MOD_WIDTH_x
Sets width of connect pulse in 1 μs increments. Typical values of 2 μs or 3 μs.
0x010C, Bits[7:0]
MOD_OFFSET_x
Sets start time of first connect pulse in 1 μs increments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com