Electronic Components Datasheet Search
  English  ▼

X  

ADPD4200 Datasheet(PDF) 27 Page - Analog Devices

Part # ADPD4200
Description  Multimodal Sensor Front End
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4200 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADPD4200 Datasheet HTML 23Page - Analog Devices ADPD4200 Datasheet HTML 24Page - Analog Devices ADPD4200 Datasheet HTML 25Page - Analog Devices ADPD4200 Datasheet HTML 26Page - Analog Devices ADPD4200 Datasheet HTML 27Page - Analog Devices ADPD4200 Datasheet HTML 28Page - Analog Devices ADPD4200 Datasheet HTML 29Page - Analog Devices ADPD4200 Datasheet HTML 30Page - Analog Devices ADPD4200 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 93 page
background image
Data Sheet
ADPD4200
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 27 of 93
Table 16. Single Integration Mode Settings
Group
Time Slot A Register Address1
Bit Field Name
Description
0x0105, Bits[14:8], 0x0105, Bits[6:0],
0x0106, Bits[14:8], 0x0106, Bits[6:0]
LED_CURRENTx_x
Set LED current for selected LED.
1 This is the Time Slot A register address. Add 0x020 for the identical register address for each subsequent time slot. For example, Register 0x0100 is the location for
SAMPLE_TYPE_A. For Time Slot B, this register is at Address 0x0120. For Time Slot C, this register is at Address 0x0140. For Time Slot D, this register is at Address
0x0160, and so on.
Optimizing Position of Integration Sequence
It is critical that the zero crossing of the output response of the
BPF be aligned with the integration sequence such that the positive
integration is aligned with the positive portion of the BPF output
response and the negative integration is aligned with the negative
portion of the BPF output response (see Figure 25).
A simple test to find the zero crossing is to setup the circuit so
that the LED is reflecting off a reflector at a fixed distance from
the photodiode such that a steady dc level of photodiode current
is provided to the ADPD4200. Monitor the output while sweeping
the integrator offset, INTEG_OFFSET_x[12:5], from a low value to
a high value in 1 μs steps. The zero crossing is located when a
relative maxima is seen at the output. The zero crossing can then
be identified with much finer precision by sweeping the INTEG_
OFFSET_x[4:0] bit field in 31.25 ns increments.
The optimal timing point is a function of TIA bandwidth that varies
with TIA gain. To achieve the maximum SNR at each TIA gain
setting, it is recommended that the user find the optimal timing point
at each TIA gain setting for a given use case. Because there is
minimal part to part variation in this optimal timing point, that same
integrator offset timing for each gain setting can be used for all
parts. If the user must use the same integrator timing for all TIA
gain settings without re-optimizing for each TIA gain setting, the
200 kΩ TIA gain optimal timing must be used for the other TIA gain
settings.
Improving SNR Using Multiple Pulses
The ADPD4200 use short LED pulses, on the order of 2 μs or
3 μs. The SNR of a single pulse is approximately 68 dB to
74 dB, depending on the TIA gain. The SNR can be extended
to ~100 dB by increasing the number of pulses per sample and
filtering to a relevant signal bandwidth, for example, 0.5 Hz to 20 Hz
for a heart rate signal. The SNR increases as the square root of the
number of pulses. Thus, for every doubling of pulses, 3 dB of SNR
increase is achieved. The number of pulses is increased with the
NUM_REPEAT_x bit field.
Improving SNR Using Integrator Chopping
The last stage in the ADPD4200 datapath is a charge integrator.
The integrator uses an on and off integration sequence, synchron-
ized to the emitted light pulse, which acts as an additional high-
pass filter to remove offsets, drifts, and low frequency noise
from the previous stages. However, the integrating amplifier can
itself introduce low frequency signal content at a low level. The
ADPD4200 has a mode that enables additional chopping in the
digital domain to remove this signal. Chopping is achieved by using
an even number of pulses per sample and inverting the integration
sequence for half of those sequences. When the math is done to
combine the digitized result of each of the pulses of the sample,
the sequences with an inverted integrator sequence are subtracted,
and the sequences with a normal integrator sequence are added.
An example diagram of the integrator chopping sequence is shown
in Figure 26.
The result of chopping is that any low frequency signal contribution
from the integrator is eliminated, leaving only the integrated signal
and resulting in higher SNR, especially at higher numbers of pulses
and at lower TIA gains where the noise contribution of the integrator
becomes more pronounced.
Digital chopping is enabled using the registers and bits detailed in
Table 17. The bit fields define the chopping operation for the first
four pulses. This 4-bit sequence is then repeated for all subsequent
sequence of four pulses. In Figure 26, a sequence is shown where
the second and fourth pulses are inverted while the first and third
pulses remain in the default polarity (noninverted). This configura-
tion is achieved by setting the REVERSE_INTEG_x bit field =
0xA to reverse the integration sequence for the second and fourth
pulses. To complete the operation, the math must be adjusted by
setting the SUBTRACT_x bit field = 0xA. An even number of pulses
must be used with integrator chop mode.
When using integrator chop mode, the ADC offset bit fields,
CH1_ADC_ADJUST_x and CH2_ADC_ADJUST_x, must be set
to 0 because, when the math is adjusted to subtract the inverted
integration sequences while the default integration sequences are
added, any digital offsets at the output of the ADC are automatical-
ly eliminated. Integrator chop mode also eliminates the need to
manually null the ADC offsets at startup in a typical application.
Note that the elimination of the offset using chop mode can clip at
least half of the noise signal when no input signal is present, which
makes it difficult to measure the noise floor during characterization
of the system. Three options for performing noise floor characteri-
zation of the system include the following:
►
Chop mode disabled.
►
Chop mode enabled but with a minimal signal present at the
input, which increases the noise floor enough such that it is no
longer clipped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com