Electronic Components Datasheet Search
  English  ▼

X  

ADPD4200 Datasheet(PDF) 5 Page - Analog Devices

Part # ADPD4200
Description  Multimodal Sensor Front End
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4200 Datasheet(HTML) 5 Page - Analog Devices

  ADPD4200 Datasheet HTML 1Page - Analog Devices ADPD4200 Datasheet HTML 2Page - Analog Devices ADPD4200 Datasheet HTML 3Page - Analog Devices ADPD4200 Datasheet HTML 4Page - Analog Devices ADPD4200 Datasheet HTML 5Page - Analog Devices ADPD4200 Datasheet HTML 6Page - Analog Devices ADPD4200 Datasheet HTML 7Page - Analog Devices ADPD4200 Datasheet HTML 8Page - Analog Devices ADPD4200 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 93 page
background image
Data Sheet
ADPD4200
SPECIFICATIONS
analog.com
Rev. 0 | 5 of 93
PERFORMANCE SPECIFICATIONS
AVDD = DVDD1 = IOVDD = 1.8 V, and TA = full operating temperature range, unless otherwise noted.
Table 3.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DATA ACQUISITION
Datapath Width
32
Bits
FIRST IN, FIRST OUT (FIFO) SIZE
512
Bytes
LED DRIVER
LED Peak Current per Driver
LED pulse enabled
2
200
mA
LED Peak Current, Total
Using multiple LED drivers simultaneously
400
mA
Driver Compliance Voltage
For any LED driver output at ILED = 40 mA
200
mV
LED PERIOD
AFE width = 4 µs1
10
µs
AFE width = 3 µs
8
µs
SAMPLING RATE2
Single time slot, four data bytes to FIFO, 2 µs LED pulse
0.004
9000
Hz
OSCILLATOR DRIFT
32 kHz Oscillator
Percent variation from 25°C to 85°C
3.00
5.00
%
Percent variation from +25°C to –40°C
–3.00
–7.00
%
1 MHz Oscillator
Percent variation from 25°C to 85°C
1.00
2.00
%
Percent variation from +25°C to –40°C
–1.00
–3.00
%
32 MHz Oscillator
Percent variation from 25°C to 85°C
1.00
2.00
%
Percent variation from +25°C to –40°C
–2.00
–4.00
%
1 Minimum LED period = (2 × AFE width) + 2 µs.
2 The maximum value in this specification is the internal analog-to-digital converter (ADC) sampling rate using the internal 1 MHz state machine clock. The communication
interface like SPI read rates in some configurations may limit the ODR.
Table 4.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
TRANSIMPEDANCE AMPLIFIER (TIA) GAIN
12.5
200
kΩ
PULSED SIGNAL CONVERSIONS, 3 μs LED PULSE
4 μs integration width, signal integration mode
ADC Resolution1
TIA feedback resistor
12.5 kΩ
6.2
nA/LSB
25 kΩ
3.1
nA/LSB
50 kΩ
1.5
nA/LSB
100 kΩ
0.77
nA/LSB
200 kΩ
0.38
nA/LSB
ADC Saturation Level2
TIA feedback resistor
12.5 kΩ
50
μA
25 kΩ
25
μA
50 kΩ
12.5
μA
100 kΩ
6.22
μA
200 kΩ
3.11
μA
PULSED SIGNAL CONVERSIONS, 2 μs LED PULSE
3 μs integration width, single integration mode
ADC Resolution1
TIA feedback resistor
12.5 kΩ
8.2
nA/LSB
25 kΩ
4.1
nA/LSB
50 kΩ
2.04
nA/LSB
100 kΩ
1.02
nA/LSB
200 kΩ
0.51
nA/LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com