Electronic Components Datasheet Search
  English  ▼

X  

ADPD4200 Datasheet(PDF) 90 Page - Analog Devices

Part # ADPD4200
Description  Multimodal Sensor Front End
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4200 Datasheet(HTML) 90 Page - Analog Devices

Back Button ADPD4200 Datasheet HTML 85Page - Analog Devices ADPD4200 Datasheet HTML 86Page - Analog Devices ADPD4200 Datasheet HTML 87Page - Analog Devices ADPD4200 Datasheet HTML 88Page - Analog Devices ADPD4200 Datasheet HTML 89Page - Analog Devices ADPD4200 Datasheet HTML 90Page - Analog Devices ADPD4200 Datasheet HTML 91Page - Analog Devices ADPD4200 Datasheet HTML 92Page - Analog Devices ADPD4200 Datasheet HTML 93Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 90 / 93 page
background image
Data Sheet
ADPD4200
REGISTER DETAILS
analog.com
Rev. 0 | 90 of 93
ADC OFFSET REGISTERS
Table 35. Register Details
Addr
Name
Bits
Bit Name
Description
Reset Access
0x010E
ADC_OFF1_A
[15:14]
Reserved
Reserved.
0x0
R
0x012E
ADC_OFF1_B
[13:0]
CH1_ADC_ADJUST_x
Adjustment to ADC Value. This value is subtracted from the ADC value for
Channel 1 in Time Slot x. Set to 0 for chop and float modes.
0x0
R/W
0x014E
ADC_OFF1_C
0x016E
ADC_OFF1_D
0x018E
ADC_OFF1_E
0x01AE
ADC_OFF1_F
0x01CE
ADC_OFF1_G
0x01EE
ADC_OFF1_H
0x020E
ADC_OFF1_I
0x022E
ADC_OFF1_J
0x024E
ADC_OFF1_K
0x026E
ADC_OFF1_L
0x010F
ADC_OFF2_A
15
ZERO_ADJUST_x
Additive Offset for Signal Value. Set to 1 to add 2048 to the signal value prior to
clipping positive.
0x0
R/W
0x012F
ADC_OFF2_B
14
Reserved
Reserved.
0x014F
ADC_OFF2_C
[13:0]
CH2_ADC_ADJUST_x
Adjustment to ADC Value. This value is subtracted from the ADC value for
Channel 2 in Time Slot x. Set to 0 for chop and float modes.
0x0
R/W
0x016F
ADC_OFF2_D
0x018F
ADC_OFF2_E
0x01AF
ADC_OFF2_F
0x01CF
ADC_OFF2_G
0x01EF
ADC_OFF2_H
0x020F
ADC_OFF2_I
0x022F
ADC_OFF2_J
0x024F
ADC_OFF2_K
0x026F
ADC_OFF2_L
OUTPUT DATA REGISTERS
Table 36. Register Details
Addr
Name
Bits
Bit Name
Description
Reset
Access
0x002F
FIFO_DATA
[15:0]
FIFO_DATA
FIFO Data Port.
0x0
R
0x0030
SIGNAL1_L_A
[15:0]
SIGNAL1_L_A
Signal Channel 1 lower half Time Slot A
0x0
R
0x0031
SIGNAL1_H_A
[15:0]
SIGNAL1_H_A
Signal Channel 1 upper half Time Slot A
0x0
R
0x0032
SIGNAL2_L_A
[15:0]
SIGNAL2_L_A
Signal Channel 2 lower half Time Slot A
0x0
R
0x0033
SIGNAL2_H_A
[15:0]
SIGNAL2_H_A
Signal Channel 2 upper half Time Slot A
0x0
R
0x0034
DARK1_L_A
[15:0]
DARK1_L_A
Dark Channel 1 value lower half Time Slot A
0x0
R
0x0035
DARK1_H_A
[15:0]
DARK1_H_A
Dark Channel 1 value upper half Time Slot A
0x0
R
0x0036
DARK2_L_A
[15:0]
DARK2_L_A
Dark Channel 2 value lower half Time Slot A
0x0
R
0x0037
DARK2_H_A
[15:0]
DARK2_H_A
Dark Channel 2 value upper half Time Slot A
0x0
R
0x0038
SIGNAL1_L_B
[15:0]
SIGNAL1_L_B
Signal Channel 1 lower half Time Slot B
0x0
R
0x0039
SIGNAL1_H_B
[15:0]
SIGNAL1_H_B
Signal Channel 1 upper half Time Slot B
0x0
R
0x003A
SIGNAL2_L_B
[15:0]
SIGNAL2_L_B
Signal Channel 2 lower half Time Slot B
0x0
R
0x003B
SIGNAL2_H_B
[15:0]
SIGNAL2_H_B
Signal Channel 2 upper half Time Slot B
0x0
R
0x003C
DARK1_L_B
[15:0]
DARK1_L_B
Dark Channel 1 value lower half Time Slot B
0x0
R
0x003D
DARK1_H_B
[15:0]
DARK1_H_B
Dark Channel 1 value upper half Time Slot B
0x0
R
0x003E
DARK2_L_B
[15:0]
DARK2_L_B
Dark Channel 2 value lower half Time Slot B
0x0
R
0x003F
DARK2_H_B
[15:0]
DARK2_H_B
Dark Channel 2 value upper half Time Slot B
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com