Electronic Components Datasheet Search
  English  ▼

X  

ADPD4200 Datasheet(PDF) 44 Page - Analog Devices

Part # ADPD4200
Description  Multimodal Sensor Front End
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4200 Datasheet(HTML) 44 Page - Analog Devices

Back Button ADPD4200 Datasheet HTML 40Page - Analog Devices ADPD4200 Datasheet HTML 41Page - Analog Devices ADPD4200 Datasheet HTML 42Page - Analog Devices ADPD4200 Datasheet HTML 43Page - Analog Devices ADPD4200 Datasheet HTML 44Page - Analog Devices ADPD4200 Datasheet HTML 45Page - Analog Devices ADPD4200 Datasheet HTML 46Page - Analog Devices ADPD4200 Datasheet HTML 47Page - Analog Devices ADPD4200 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 93 page
background image
Data Sheet
ADPD4200
REGISTER MAP
analog.com
Rev. 0 | 44 of 93
Table 25. Register Map Summary
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Reg
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
R/W
0x0011
STAMP_L
[15:8]
TIMESTAMP_COUNT_L[15:8]
0x0000
R
[7:0]
TIMESTAMP_COUNT_L[7:0]
0x0012
STAMP_H
[15:8]
TIMESTAMP_COUNT_H[15:8]
0x0000
R
[7:0]
TIMESTAMP_COUNT_H[7:0]
0x0013
STAMP-
DELTA
[15:8]
TIMESTAMP_SLOT_DELTA[15:8]
0x0000
R
[7:0]
TIMESTAMP_SLOT_DELTA[7:0]
0x0014
INT_
ENABLE_
XD
[15:8]
INTX_EN_
FIFO_TH
INTX_EN_
FIFO_
UFLOW
INTX_EN_
FIFO_
OFLOW
Reserved
INTX_EN_
DATA_L
INTX_EN_
DATA_K
INTX_EN
_DATA_J
INTX_EN
_DATA_I
0x0000
R/W
[7:0]
INTX_EN_
DATA_H
INTX_EN_
DATA_G
INTX_EN_
DATA_F
INTX_EN_
DATA_E
INTX_EN_
DATA_D
INTX_EN_
DATA_C
INTX_EN
_DATA_B
INTX_EN
_DATA_A
0x0015
INT_
ENABLE_
YD
[15:8]
INTY_EN_
FIFO_TH
INTY_EN_
FIFO_
UFLOW
INTY_EN_
FIFO_
OFLOW
Reserved
INTY_EN_
DATA_L
INTY_EN_
DATA_K
INTY_EN
_ DATA_J
INTY_
EN_
DATA_I
0x0000
R/W
[7:0]
INTY_EN_
DATA_H
INTY_EN_
DATA_G
INTY_EN_
DATA_F
INTY_EN_
DATA_E
INTY_EN_
DATA_D
INTY_EN_
DATA_C
INTY_EN
_ DATA_B
INTY_EN
_ DATA_A
0x0016
INT_
ENABLE_
XL0
[15:8]
Reserved
INTX_EN_
LEV0_L
INTX_EN_
LEV0_K
INTX_EN
_ LEV0_J
INTX_EN
_ LEV0_I
0x0000
R/W
[7:0]
INTX_EN_
LEV0_H
INTX_EN_
LEV0_G
INTX_EN_
LEV0_F
INTX_EN_
LEV0_E
INTX_EN_
LEV0_D
INTX_EN_
LEV0_C
INTX_EN
_ LEV0_B
INTX_EN
_ LEV0_A
0x0017
INT_
ENABLE_
XL1
[15:8]
Reserved
INTX_EN_
LEV1_L
INTX_EN_
LEV1_K
INTX_EN
_ LEV1_J
INTX_EN
_ LEV1_I
0x0000
R/W
[7:0]
INTX_EN_
LEV1_H
INTX_EN_
LEV1_G
INTX_EN_
LEV1_F
INTX_EN_
LEV1_E
INTX_EN_
LEV1_D
INTX_EN_
LEV1_C
INTX_EN
_ LEV1_B
INTX_EN
_ LEV1_A
0x001A
INT_
ENABLE_
YL0
[15:8]
Reserved
INTY_EN_
LEV0_L
INTY_EN_
LEV0_K
INTY_EN
_ LEV0_J
INTY_EN
_ LEV0_I
0x0000
R/W
[7:0]
INTY_EN_
LEV0_H
INTY_EN_
LEV0_G
INTY_EN_
LEV0_F
INTY_EN_
LEV0_E
INTY_EN_
LEV0_D
INTY_EN_
LEV0_C
INTY_EN
_ LEV0_B
INTY_EN
_ LEV0_A
0x001B
INT_
ENABLE_
YL1
[15:8]
Reserved
INTY_EN_
LEV1_L
INTY_EN_
LEV1_K
INTY_EN
_ LEV1_J
INTY_EN
_ LEV1_I
0x0000
R/W
[7:0]
INTY_EN_
LEV1_H
INTY_EN_
LEV1_G
INTY_EN_
LEV1_F
INTY_EN_
LEV1_E
INTY_EN_
LEV1_D
INTY_EN_
LEV1_C
INTY_EN
_ LEV1_B
INTY_EN
_ LEV1_A
0x001E
FIFO_
STATUS_
BYTES
[15:8]
Reserved
0x0000
R/W
[7:0]
Reserved
ENA_
STAT_LX
ENA_
STAT_L1
ENA_STAT_
L0
ENA_
STAT_D2
ENA_
STAT_D1
ENA_
STAT_
SUM
0x0020
INPUT_
SLEEP
[15:8]
INP_SLEEP_78[3:0]
Reserved
0x0000
R/W
[7:0]
Reserved
INP_SLEEP_12[3:0]
0x0021
INPUT_CFG
[15:8]
Reserved
0x0000
R/W
[7:0]
VC2_SLEEP[1:0]
VC1_SLEEP[1:0]
PAIR78
Reserved
PAIR12
0x0022
GPIO_CFG
[15:8]
GPIO_SLEW[1:0]
GPIO_DRV[1:0]
Reserved
0x0000
R/W
[7:0]
Reserved
GPIO_PIN_CFG1[2:0]
GPIO_PIN_CFG0[2:0]
0x0023
GPIO01
[15:8]
Reserved
GPIOOUT1[6:0]
0x0000
R/W
[7:0]
Reserved
GPIOOUT0[6:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com