Electronic Components Datasheet Search
  English  ▼

X  

ADPD4200 Datasheet(PDF) 62 Page - Analog Devices

Part # ADPD4200
Description  Multimodal Sensor Front End
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4200 Datasheet(HTML) 62 Page - Analog Devices

Back Button ADPD4200 Datasheet HTML 58Page - Analog Devices ADPD4200 Datasheet HTML 59Page - Analog Devices ADPD4200 Datasheet HTML 60Page - Analog Devices ADPD4200 Datasheet HTML 61Page - Analog Devices ADPD4200 Datasheet HTML 62Page - Analog Devices ADPD4200 Datasheet HTML 63Page - Analog Devices ADPD4200 Datasheet HTML 64Page - Analog Devices ADPD4200 Datasheet HTML 65Page - Analog Devices ADPD4200 Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 93 page
background image
Data Sheet
ADPD4200
REGISTER MAP
analog.com
Rev. 0 | 62 of 93
Table 25. Register Map Summary
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Reg
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
R/W
[7:0]
SIGNAL_SHIFT_H[4:0]
SIGNAL_SIZE_H[2:0]
0x01F2
DECIMATE_
H
[15:8]
Reserved
DECIMATE_FACTOR_H[6:4]
0x0000
R/W
[7:0]
DECIMATE_FACTOR_H[3:0]
DECIMATE_TYPE_H[3:0]
0x01F3
DIGINT_LIT_
H
[15:8]
Reserved
LIT_
OFFSET_
H[8]
0x0026
R/W
[7:0]
LIT_OFFSET_H[7:0]
0x01F4
DIGINT_
DARK_H
[15:8]
DARK2_OFFSET_H[8:1]
0x2306
R/W
[7:0]
DARK2_
OFFSET_
H[0]
DARK1_OFFSET_H[6:0]
0x01F5
THRESH_
CFG_H
[15:8]
Reserved
0x0000
R/W
[7:0]
THRESH1_
CHAN_H
THRESH1_
DIR_H
THRESH1_TYPE_H[1:0] THRESH0_
CHAN_H
THRESH0
_DIR_H
THRESH0_TYPE_
H[1:0]
0x01F6
THRESH0_H [15:8]
Reserved
THRESH0_SHIFT_H[4:0]
0x0000
R/W
[7:0]
THRESH0_VALUE_H[7:0]
0x01F7
THRESH1_H [15:8]
Reserved
THRESH1_SHIFT_H[4:0]
0x0000
R/W
[7:0]
THRESH1_VALUE_H[7:0]
0x0200
TS_CTRL_I
[15:8]
SUB
SAMPLE_I
CH2_EN_I
SAMPLE_TYPE_I[1:0]
INPUT_R_SELECT_I[1:0]
TIMESLOT_
OFFSET_I[9:8]
0x0000
R/W
[7:0]
TIMESLOT_OFFSET_I[7:0]
0x0201
TS_PATH_I
[15:8]
PRE_WIDTH_I[3:0]
Reserved
TS_GPIO_
I
AFE_PAT
H_CFG_I[
8]
0x40DA
R/W
[7:0]
AFE_
PATH_
CFG_I[7:0]
0x0202
INPUTS_I
[15:8]
INP78_I[3:0]
Reserved
0x0000
R/W
[7:0]
Reserved
INP12_I[3:0]
0x0203
CATHODE_I
[15:8]
Reserved
PRECON_I[2:0]
VC2_PULSE_I[1:0]
VC2_ALT_I[1:0]
0x0000
R/W
[7:0]
VC2_SEL_I[1:0]
VC1_PULSE_I[1:0]
VC1_ALT_I[1:0]
VC1_SEL_I[1:0]
0x0204
AFE_TRIM_I [15:8]
Reserved
CH2_TRIM_INT_I[1:0]
CH1_TRIM_INT_I[1:0]
VREF_
PULSE_I
AFE_TRIM_
VREF_I[1:0]
0x03C0
R/W
[7:0]
VREF_PULSE_VAL_I[1:0]
TIA_GAIN_CH2_I[2:0]
TIA_GAIN_CH1_I[2:0]
0x0205
LED_
POW12_I
[15:8]
LED_
DRIVESIDE2
_I
LED_CURRENT2_I[6:0]
0x0000
R/W
[7:0]
LED_
DRIVESIDE1
_I
LED_CURRENT1_I[6:0]
0x0206
LED_
POW34_I
[15:8]
LED_
DRIVESIDE4
_I
LED_CURRENT4_I[6:0]
0x0000
R/W
[7:0]
LED_
DRIVESIDE3
_I
LED_CURRENT3_I[6:0]
0x0207
COUNTS_I
[15:8]
NUM_INT_I[7:0]
0x0101
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com