Electronic Components Datasheet Search
  English  ▼

X  

ADPD4200 Datasheet(PDF) 42 Page - Analog Devices

Part # ADPD4200
Description  Multimodal Sensor Front End
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4200 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADPD4200 Datasheet HTML 38Page - Analog Devices ADPD4200 Datasheet HTML 39Page - Analog Devices ADPD4200 Datasheet HTML 40Page - Analog Devices ADPD4200 Datasheet HTML 41Page - Analog Devices ADPD4200 Datasheet HTML 42Page - Analog Devices ADPD4200 Datasheet HTML 43Page - Analog Devices ADPD4200 Datasheet HTML 44Page - Analog Devices ADPD4200 Datasheet HTML 45Page - Analog Devices ADPD4200 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 93 page
background image
Data Sheet
ADPD4200
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 42 of 93
some readout indicating that contact is being made with the skin
and current is flowing into the ADPD4200 through the body of
low impedance when the stimulus is applied. When either ECG
electrode stops making contact with the skin or is loose, there
is no ECG signal in the acquired trace. When contact between
both electrodes and the skin is restored, the ECG signal appears
immediately. Because two inputs and two channels are allocated to
detect the lead off condition for two electrodes, this measurement
method can determine if one electrode loses contact with skin or
both electrodes lose contact. This measurement can also detect
which one of the electrodes loses contact with the skin if only one
electrode loses contact.
Figure 41 shows a data plot of a lead off detection measurement
during an ECG measurement using the circuit shown in Figure 40.
When the ECG electrodes are making contact with the skin during
the measurement, an ECG signal is clearly visible. The impedance
measurements of the E1 and E2 electrodes show some value
indicating that contact is being made with the skin and current is
flowing into the ADPD4200 when the stimulus is applied. When
either electrode stops making contact with the skin, 0 is read for
that measurement indicating an open circuit, effectively a lead off
condition. When contact between both electrodes and the skin is
restored, the ECG signal is reacquired in less than 1 sec.
Figure 41. Lead Off Detection Measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com