Electronic Components Datasheet Search
  English  ▼

X  

ADPD4200 Datasheet(PDF) 54 Page - Analog Devices

Part # ADPD4200
Description  Multimodal Sensor Front End
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4200 Datasheet(HTML) 54 Page - Analog Devices

Back Button ADPD4200 Datasheet HTML 50Page - Analog Devices ADPD4200 Datasheet HTML 51Page - Analog Devices ADPD4200 Datasheet HTML 52Page - Analog Devices ADPD4200 Datasheet HTML 53Page - Analog Devices ADPD4200 Datasheet HTML 54Page - Analog Devices ADPD4200 Datasheet HTML 55Page - Analog Devices ADPD4200 Datasheet HTML 56Page - Analog Devices ADPD4200 Datasheet HTML 57Page - Analog Devices ADPD4200 Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 93 page
background image
Data Sheet
ADPD4200
REGISTER MAP
analog.com
Rev. 0 | 54 of 93
Table 25. Register Map Summary
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Reg
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
R/W
[7:0]
LED_OFFSET_C[7:0]
0x014A
INTEG_
SETUP_C
[15:8]
SINGLE_
INTEG_C
CH2_AMP_DISABLE_C[2:0]
AFE_INT_C
_BUF_C
CH1_AMP_DISABLE_C[2:0]
0x0003
R/W
[7:0]
ADC_COUNT_C[1:0]
Reserved
INTEG_WIDTH_C[4:0]
0x014B
INTEG_OS_
C
[15:8]
Reserved
INTEG_OFFSET_C[12:8]
0x0214
R/W
[7:0]
INTEG_OFFSET_C[7:0]
0x014C
MOD_
PULSE_C
[15:8]
MOD_WIDTH_C[7:0]
0x0001
R/W
[7:0]
MOD_OFFSET_C[7:0]
0x014D
PATTERN_C [15:8]
LED_DISABLE_C[3:0]
MOD_DISABLE_C[3:0]
0x0000
R/W
[7:0]
SUBTRACT_C[3:0]
REVERSE_INTEG_C[3:0]
0x014E
ADC_OFF1_
C
[15:8]
Reserved
CH1_ADC_ADJUST_C[13:8]
0x0000
R/W
[7:0]
CH1_ADC_ADJUST_C[7:0]
0x014F
ADC_OFF2_
C
[15:8]
ZERO_
ADJUST_C
Reserved
CH2_ADC_ADJUST_C[13:8]
0x0000
R/W
[7:0]
CH2_ADC_ADJUST_C[7:0]
0x0150
DATA_
FORMAT_C
[15:8]
DARK_SHIFT_C[4:0]
DARK_SIZE_C[2:0]
0x0003
R/W
[7:0]
SIGNAL_SHIFT_C[4:0]
SIGNAL_SIZE_C[2:0]
0x0152
DECIMATE_
C
[15:8]
Reserved
DECIMATE_FACTOR_C[6:4]
0x0000
R/W
[7:0]
DECIMATE_FACTOR_C[3:0]
DECIMATE_TYPE_C[3:0]
0x0153
DIGINT_LIT_
C
[15:8]
Reserved
LIT_
OFFSET_
C[8]
0x0026
R/W
[7:0]
LIT_OFFSET_C[7:0]
0x0154
DIGINT_
DARK_C
[15:8]
DARK2_OFFSET_C[8:1]
0x2306
R/W
[7:0]
DARK2_
OFFSET_
C[0]
DARK1_OFFSET_C[6:0]
0x0155
THRESH_
CFG_C
[15:8]
Reserved
0x0000
R/W
[7:0]
THRESH1_
CHAN_C
THRESH1_
DIR_C
THRESH1_TYPE_C[1:0] THRESH0_
CHAN_C
THRESH0
_DIR_C
THRESH0_TYPE_
C[1:0]
0x0156
THRESH0_C [15:8]
Reserved
THRESH0_SHIFT_C[4:0]
0x0000
R/W
[7:0]
THRESH0_VALUE_C[7:0]
0x0157
THRESH1_C [15:8]
Reserved
THRESH1_SHIFT_C[4:0]
0x0000
R/W
[7:0]
THRESH1_VALUE_C[7:0]
0x0160
TS_CTRL_D
[15:8]
SUB
SAMPLE_D
CH2_EN_D
SAMPLE_TYPE_D[1:0]
INPUT_R_SELECT_
D[1:0]
TIMESLOT_OFFSET_
D[9:8]
0x0000
R/W
[7:0]
TIMESLOT_OFFSET_D[7:0]
0x0161
TS_PATH_D
[15:8]
PRE_WIDTH_D[3:0]
Reserved
TS_GPIO_
D
AFE_
PATH_
CFG_D[8]
0x40DA
R/W
[7:0]
AFE_PATH_CFG_D[7:0]
0x0162
INPUTS_D
[15:8]
INP78_D[3:0]
Reserved
0x0000
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com