Electronic Components Datasheet Search
  English  ▼

X  

ADPD4200 Datasheet(PDF) 66 Page - Analog Devices

Part # ADPD4200
Description  Multimodal Sensor Front End
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4200 Datasheet(HTML) 66 Page - Analog Devices

Back Button ADPD4200 Datasheet HTML 62Page - Analog Devices ADPD4200 Datasheet HTML 63Page - Analog Devices ADPD4200 Datasheet HTML 64Page - Analog Devices ADPD4200 Datasheet HTML 65Page - Analog Devices ADPD4200 Datasheet HTML 66Page - Analog Devices ADPD4200 Datasheet HTML 67Page - Analog Devices ADPD4200 Datasheet HTML 68Page - Analog Devices ADPD4200 Datasheet HTML 69Page - Analog Devices ADPD4200 Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 93 page
background image
Data Sheet
ADPD4200
REGISTER MAP
analog.com
Rev. 0 | 66 of 93
Table 25. Register Map Summary
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Reg
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
R/W
[7:0]
LED_OFFSET_K[7:0]
0x024A
INTEG_
SETUP_K
[15:8]
SINGLE_
INTEG_K
CH2_AMP_DISABLE_K[2:0]
AFE_INT_C
_BUF_K
CH1_AMP_DISABLE_K[2:0]
0x0003
R/W
[7:0]
ADC_COUNT_K[1:0]
Reserved
INTEG_WIDTH_K[4:0]
0x024B
INTEG_OS_
K
[15:8]
Reserved
INTEG_ OFFSET_K[12:8]
0x0214
R/W
[7:0]
INTEG_OFFSET_K[7:0]
0x024C
MOD_
PULSE_K
[15:8]
MOD_WIDTH_K[7:0]
0x0001
R/W
[7:0]
MOD_OFFSET_K[7:0]
0x024D
PATTERN_K [15:8]
LED_DISABLE_K[3:0]
MOD_DISABLE_K[3:0]
0x0000
R/W
[7:0]
SUBTRACT_K[3:0]
REVERSE_INTEG_K[3:0]
0x024E
ADC_OFF1_
K
[15:8]
Reserved
CH1_ADC_ADJUST_K[13:8]
0x0000
R/W
[7:0]
CH1_ADC_ADJUST_K[7:0]
0x024F
ADC_OFF2_
K
[15:8]
ZERO_
ADJUST_K
Reserved
CH2_ADC_ADJUST_K[13:8]
0x0000
R/W
[7:0]
CH2_ADC_ADJUST_K[7:0]
0x0250
DATA_
FORMAT_K
[15:8]
DARK_SHIFT_K[4:0]
DARK_SIZE_K[2:0]
0x0003
R/W
[7:0]
SIGNAL_SHIFT_K[4:0]
SIGNAL_SIZE_K[2:0]
0x0252
DECIMATE_
K
[15:8]
Reserved
DECIMATE_FACTOR_K[6:4]
0x0000
R/W
[7:0]
DECIMATE_FACTOR_K[3:0]
DECIMATE_TYPE_K[3:0]
0x0253
DIGINT_LIT_
K
[15:8]
Reserved
LIT_
OFFSET_
K[8]
0x0026
R/W
[7:0]
LIT_OFFSET_K[7:0]
0x0254
DIGINT_
DARK_K
[15:8]
DARK2_OFFSET_K[8:1]
0x2306
R/W
[7:0]
DARK2_
OFFSET_
K[0]
DARK1_OFFSET_K[6:0]
0x0255
THRESH_
CFG_K
[15:8]
Reserved
0x0000
R/W
[7:0]
THRESH1_
CHAN_K
THRESH1_
DIR_K
THRESH1_TYPE_K[1:0] THRESH0_
CHAN_K
THRESH0
_DIR_K
THRESH0_TYPE_
K[1:0]
0x0256
THRESH0_K [15:8]
Reserved
THRESH0_SHIFT_K[4:0]
0x0000
R/W
[7:0]
THRESH0_VALUE_K[7:0]
0x0257
THRESH1_K [15:8]
Reserved
THRESH1_SHIFT_K[4:0]
0x0000
R/W
[7:0]
THRESH1_VALUE_K[7:0]
0x0260
TS_CTRL_L
[15:8]
SUB
SAMPLE_L
CH2_EN_L
SAMPLE_TYPE_L[1:0]
INPUT_R_SELECT_
L[1:0]
TIMESLOT_
OFFSET_L[9:8]
0x0000
R/W
[7:0]
TIMESLOT_OFFSET_L[7:0]
0x0261
TS_PATH_L
[15:8]
PRE_WIDTH_L[3:0]
Reserved
TS_GPIO_
L
AFE_
PATH_
CFG_L[8]
0x40DA
R/W
[7:0]
AFE_PATH_CFG_L[7:0]
0x0262
INPUTS_L
[15:8]
INP78_L[3:0]
Reserved
0x0000
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com