Electronic Components Datasheet Search
  English  ▼

X  

ADPD4200 Datasheet(PDF) 34 Page - Analog Devices

Part # ADPD4200
Description  Multimodal Sensor Front End
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4200 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADPD4200 Datasheet HTML 30Page - Analog Devices ADPD4200 Datasheet HTML 31Page - Analog Devices ADPD4200 Datasheet HTML 32Page - Analog Devices ADPD4200 Datasheet HTML 33Page - Analog Devices ADPD4200 Datasheet HTML 34Page - Analog Devices ADPD4200 Datasheet HTML 35Page - Analog Devices ADPD4200 Datasheet HTML 36Page - Analog Devices ADPD4200 Datasheet HTML 37Page - Analog Devices ADPD4200 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 93 page
background image
Data Sheet
ADPD4200
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 34 of 93
Table 20. Modulate Stimulus Settings
Group
Time Slot A Register Address1 Bit Field Name
Description
0x010A, Bits[4:0]
INTEG_WIDTH_x
Integration time in µs. Set to MOD_WIDTH_x + 1.
0x010B, Bits[12:0]
INTEG_OFFSET_x
Integration sequence start time. Set to MOD_OFFSET_x – 1 and then sweep IN-
TEG_OFFSET_x[4:0] in 31.25 ns steps to find optimal operating point.
0x0107, Bits[15:8]
NUM_INT_x
Set to 1 for a single integration per ADC conversion.
0x0107, Bits[7:0]
NUM_REPEAT_x
Number of sequence repeats. SNR increases as √n, where n = NUM_REPEAT_x ×
NUM_INT_x.
1 This is the Time Slot A register address. Add 0x020 for the identical register address for each subsequent time slot. For example, Register 0x0100 is the location
for SAMPLE_TYPE_A. For Time Slot B, this register is at Address 0x0120. For Time Slot C, this register is at Address 0x0140. For Time Slot D, this register is at
Address 0x0160, and so on.
MULTIPLE INTEGRATION MODE
Multiple integration mode provides multiple analog integrations of
incoming charge per ADC conversion. This mode is most useful
when there is a small response that uses a small amount of
the available dynamic range per stimuli event. Multiple integration
mode allows multiple integrations of charge prior to an ADC conver-
sion so that a larger amount of the available dynamic range of the
integrator is utilized.
Figure 32 shows multiple integration mode using the LED as the
stimulus. The number of LED pulses and subsequent integrations
of charge from the photodiode response is determined by the
setting of the NUM_INT_x bits. Following the final integration, there
is a single ADC conversion. This process is repeated NUM_RE-
PEAT_x times.
Prior to setting the number of integrations using the NUM_INT_x
bits, determine the optimal TIA gain and LED current setting. When
the TIA gain and LED current are set, measure how much of the
integrator dynamic range is used to integrate the charge created by
a single LED pulse. If the amount of integrator dynamic range used
for a single pulse is less than half the available dynamic range,
it may be desirable to use multiple integrations prior to an ADC
conversion. For example, if the amount of integrator dynamic range
used for a single pulse is 1/8 of the available dynamic range, set
NUM_INT_x to 0x6 to use six pulses and integrations, using most
of the available dynamic range (75%) per ADC conversion while
leaving 25% of headroom for margin so that the integrator does
not saturate as the input level varies. As each pulse is applied to
the LED, the charge from the response is integrated and held. The
charge from the response to each subsequent pulse is added to
the previous total integrated charge, as shown in Figure 32, until
NUM_INT_x integrations are reached.
In multiple integration mode, the minimum period is automatically
calculated. In the example shown, the minimum period is calculated
at 2 × INTEG_WIDTH_x so that subsequent pulses occur immedi-
ately following the completion of the previous integration. Extra time
is automatically added to accommodate the ADC conversions at the
end of NUM_INT_x integrations.
Use NUM_REPEAT_x to increase the iterations to improve the
overall SNR. The entire multiple integration per ADC conversion
process repeats NUM_REPEAT_x number of times. Increasing
NUM_REPEAT_x serves the same purpose as multiple pulses in
continuous connect mode, where n pulses improve the SNR by √n.
In multiple integration mode, the SNR increases by √n, where n =
NUM_REPEAT_x. The total number of LED pulses in this mode is
equal to NUM_INT_x × NUM_REPEAT_x.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com