Electronic Components Datasheet Search
  English  ▼

X  

ADPD4200 Datasheet(PDF) 60 Page - Analog Devices

Part # ADPD4200
Description  Multimodal Sensor Front End
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4200 Datasheet(HTML) 60 Page - Analog Devices

Back Button ADPD4200 Datasheet HTML 56Page - Analog Devices ADPD4200 Datasheet HTML 57Page - Analog Devices ADPD4200 Datasheet HTML 58Page - Analog Devices ADPD4200 Datasheet HTML 59Page - Analog Devices ADPD4200 Datasheet HTML 60Page - Analog Devices ADPD4200 Datasheet HTML 61Page - Analog Devices ADPD4200 Datasheet HTML 62Page - Analog Devices ADPD4200 Datasheet HTML 63Page - Analog Devices ADPD4200 Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 93 page
background image
Data Sheet
ADPD4200
REGISTER MAP
analog.com
Rev. 0 | 60 of 93
Table 25. Register Map Summary
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Reg
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
R/W
[7:0]
MIN_PERIOD_G[7:0]
0x01C9
LED_PULSE
_G
[15:8]
LED_WIDTH_G[7:0]
0x0210
R/W
[7:0]
LED_OFFSET_G[7:0]
0x01CA
INTEG_
SETUP_G
[15:8]
SINGLE_
INTEG_G
CH2_AMP_DISABLE_G[2:0]
AFE_INT_C
_BUF_G
CH1_AMP_DISABLE_G[2:0]
0x0003
R/W
[7:0]
ADC_COUNT_G[1:0]
Reserved
INTEG_WIDTH_G[4:0]
0x01CB
INTEG_OS_
G
[15:8]
Reserved
INTEG_ OFFSET_G[12:8]
0x0214
R/W
[7:0]
INTEG_OFFSET_G[7:0]
0x01CC
MOD_
PULSE_G
[15:8]
MOD_WIDTH_G[7:0]
0x0001
R/W
[7:0]
MOD_OFFSET_G[7:0]
0x01CD
PATTERN_G [15:8]
LED_DISABLE_G[3:0]
MOD_DISABLE_G[3:0]
0x0000
R/W
[7:0]
SUBTRACT_G[3:0]
REVERSE_INTEG_G[3:0]
0x01CE
ADC_OFF1_
G
[15:8]
Reserved
CH1_ADC_ADJUST_G[13:8]
0x0000
R/W
[7:0]
CH1_ADC_ADJUST_G[7:0]
0x01CF
ADC_OFF2_
G
[15:8]
ZERO_
ADJUST_G
Reserved
CH2_ADC_ADJUST_G[13:8]
0x0000
R/W
[7:0]
CH2_ADC_ADJUST_G[7:0]
0x01D0
DATA_
FORMAT_G
[15:8]
DARK_SHIFT_G[4:0]
DARK_SIZE_G[2:0]
0x0003
R/W
[7:0]
SIGNAL_SHIFT_G[4:0]
SIGNAL_SIZE_G[2:0]
0x01D2
DECIMATE_
G
[15:8]
Reserved
DECIMATE_FACTOR_G[6:4]
0x0000
R/W
[7:0]
DECIMATE_FACTOR_G[3:0]
DECIMATE_TYPE_G[3:0]
0x01D3
DIGINT_LIT_
G
[15:8]
Reserved
LIT_
OFFSET_
G[8]
0x0026
R/W
[7:0]
LIT_OFFSET_G[7:0]
0x01D4
DIGINT_
DARK_G
[15:8]
DARK2_OFFSET_G[8:1]
0x2306
R/W
[7:0]
DARK2_
OFFSET_
G[0]
DARK1_OFFSET_G[6:0]
0x01D5
THRESH_
CFG_G
[15:8]
Reserved
0x0000
R/W
[7:0]
THRESH1_
CHAN_G
THRESH1_
DIR_G
THRESH1_TYPE_G[1:0] THRESH0_
CHAN_G
THRESH0
_DIR_G
THRESH0_TYPE_
G[1:0]
0x01D6
THRESH0_G [15:8]
Reserved
THRESH0_SHIFT_G[4:0]
0x0000
R/W
[7:0]
THRESH0_VALUE_G[7:0]
0x01D7
THRESH1_G [15:8]
Reserved
THRESH1_SHIFT_G[4:0]
0x0000
R/W
[7:0]
THRESH1_VALUE_G[7:0]
0x01E0
TS_CTRL_H
[15:8]
SUB
SAMPLE_H
CH2_EN_H
SAMPLE_TYPE_H[1:0]
INPUT_R_SELECT_
H[1:0]
TIMESLOT_OFFSET_
H[9:8]
0x0000
R/W
[7:0]
TIMESLOT_OFFSET_H[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com