Electronic Components Datasheet Search
  English  ▼

X  

ADPD4200 Datasheet(PDF) 38 Page - Analog Devices

Part # ADPD4200
Description  Multimodal Sensor Front End
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4200 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADPD4200 Datasheet HTML 34Page - Analog Devices ADPD4200 Datasheet HTML 35Page - Analog Devices ADPD4200 Datasheet HTML 36Page - Analog Devices ADPD4200 Datasheet HTML 37Page - Analog Devices ADPD4200 Datasheet HTML 38Page - Analog Devices ADPD4200 Datasheet HTML 39Page - Analog Devices ADPD4200 Datasheet HTML 40Page - Analog Devices ADPD4200 Datasheet HTML 41Page - Analog Devices ADPD4200 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 93 page
background image
Data Sheet
ADPD4200
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 38 of 93
Timing Recommendations for Digital
Integration Modes
When setting the timing for digital integration mode, it is important
to place the ADC samples such that the signal being sampled is
given time to settle prior to the sample being taken. The settling
time of the input signal is affected by the photodiode capacitance
and the TIA settling time. Figure 36 shows an example of proper
placement of the ADC sampling edges. Calculations for the offset
values are as follows:
DARK1_OFFSET_x = (LED_OFFSET_x – (NUM_INT_x + 1))
Add 1 to the number of ADC conversions such that there is 1 μs of
margin added to the placement of the Dark 1 region samples with
respect to the beginning of the LED pulse.
LIT_OFFSET_x = (LED_OFFSET_x + tD)
where tD is the delay built into the offset setting to allow settling
time of the signal. This value must be characterized in the final
application.
DARK2_OFFSET_x = (LED_OFFSET_x + LED_WIDTH_x + tD)
This setting only applies to two-region digital integration mode.
Figure 36. Proper Placement of ADC Sampling Edges in Digital Integration
Mode
TIA ADC MODE
Figure 37 shows the TIA ADC mode, which bypasses the BPF
and routes the TIA output through a buffer directly into the ADC.
TIA ADC mode is useful in applications, such as ambient light
sensing, and measuring of other dc signals, such as leakage
resistance. In photodiode measurement applications using the BPF,
all background light is blocked from the signal chain and, therefore,
cannot be measured. TIA ADC mode can measure the amount
of background and ambient light. This mode can also measure
currents from other dc sources, such as leakage resistance.
Figure 37. TIA ADC Mode Block Diagram
When the devices are in TIA ADC mode, the BPF is bypassed, and
the integrator stage is reconfigured as a buffer. If both Channel 1
and Channel 2 are enabled in a single time slot, the ADC samples
Channel 1 and then Channel 2 in sequential order in 1 µs intervals.
The recommended TIA ADC mode is one in which the BPF is
bypassed, and the integrator is configured as an inverting buffer.
This mode is enabled by writing 0x0E6 to AFE_PATH_CFG_x
(Register 0x0101, Bits[8:0] for Time Slot A) to enable a signal path
that includes the TIA, integrator, and ADC. Additionally, to configure
the integrator as a buffer, set AFE_INT_C_BUF_x
(Register 0x010A, Bit 11 for Time Slot A). With the ADC offset
registers, ADC_OFF1_x and ADC_OFF2_x, set to 0 and TIA_VREF
set to 1.265 V, the output of the ADC is at ~3000 codes for a single
pulse and a zero input current condition. As the input current from
the photodiode increases, the ADC output increases toward
16,384 LSBs.
When configuring the integrator as a buffer, there is the option
of either using a gain of 1 or a gain of 0.7. Using the gain of
0.7 increases the usable dynamic range at the input to the TIA.
However, it is possible to overrange the ADC in this configuration,
and care must be taken to not saturate the ADC. To set the buffer
gain, use the CHx_TRIM_INT_x bits. Setting CHx_TRIM_ INT_x to
00 or 01 sets a gain of 1. Setting CHx_TRIM_INT_x to 10 or 11
configures the buffer with a gain of 0.7.
Calculate the ADC output (ADCOUT) as follows:
ADCOUT=8192− 2×TIA_VREF−2
×IINPUT_TIA×RF−1.8 V/146 μV/LSB
×Buffer Gain
(3)
where:
TIA_VREF is the internal voltage reference signal for the TIA (the
default value is 1.265 V).
IINPUT_TIA is the input current to the TIA.
RF is the TIA feedback resistor.
Buffer Gain is either 0.7 or 1 based on the setting of the
CHx_TRIM_INT_x bits.
Equation 3 is an approximation and does not account for internal
offsets and gain errors. The calculation also assumes that the ADC
offset registers are set to 0.
Configuring a one time slot in TIA ADC mode is useful for monitor-
ing ambient and pulsed signals at the same time. The ambient
signal is monitored during the time slot configured for TIA ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com