Electronic Components Datasheet Search
  English  ▼

X  

ADPD4200 Datasheet(PDF) 31 Page - Analog Devices

Part # ADPD4200
Description  Multimodal Sensor Front End
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4200 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADPD4200 Datasheet HTML 27Page - Analog Devices ADPD4200 Datasheet HTML 28Page - Analog Devices ADPD4200 Datasheet HTML 29Page - Analog Devices ADPD4200 Datasheet HTML 30Page - Analog Devices ADPD4200 Datasheet HTML 31Page - Analog Devices ADPD4200 Datasheet HTML 32Page - Analog Devices ADPD4200 Datasheet HTML 33Page - Analog Devices ADPD4200 Datasheet HTML 34Page - Analog Devices ADPD4200 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 93 page
background image
Data Sheet
ADPD4200
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 31 of 93
Table 19. Float LED Mode Settings
Group
Time Slot A Register Address1 Bit Field Name
Description
0x010D, Bits[7:4]
SUBTRACT_x
In any given sequence of four pulses, negate the math operation in the selected
position. Selections are active high (that is, subtract if 1) and the LSB of this
register maps to the first pulse. For a float mode sequence, add pulses when
the LED flashes and subtract pulses when the LED is disabled, according to
LED_DISABLE_x.
LED Settings
0x0105, Bit 15 and 0x0105, Bit 7,
0x0106, Bit 15 and 0x0106, Bit 7
LED_DRIVESIDEx_x
Select LED for time slot used.
0x0105, Bits[14:8], 0x0105,
Bits[6:0], 0x0106, Bits[14:8],
0x0106, Bits[6:0]
LED_CURRENTx_x
Set LED current for selected LED.
0x0109, Bits[7:0]
LED_OFFSET_x
Sets start time of first LED pulse in 1 μs increments.
0x0109, Bits[15:8]
LED_WIDTH_x
Sets width of LED pulse in 1 μs increments.
0x010D, Bits[15:12]
LED_DISABLE_x
In any given sequence of four pulses, disable the LED pulse in the selected
position. Selections are active high (that is, disable LED if 1) and the LSB
of this register maps to the first pulse. For a sequence of four pulses, it is
recommended to turn on the LED in the second and third pulses by writing 0x9
to this register.
1 This is the Time Slot A register address. Add 0x020 for the identical register address for each subsequent time slot. For example, Register 0x0100 is the location
for SAMPLE_TYPE_A. For Time Slot B, this register is at Address 0x0120. For Time Slot C, this register is at Address 0x0140. For Time Slot D, this register is at
Address 0x0160, and so on.
Float Mode Limitations
When using float mode, the limitations of the mode must be well
understood. For example, a finite amount of charge can accumulate
on the capacitance of the photodiode, and there is a maximum
amount of charge that can be integrated by the integrator. Based on
an initial reverse bias of 250 mV on the photodiode and assuming
that the photodiode begins to become nonlinear at ~200 mV of
forward bias, there is ~450 mV of headroom for the anode voltage
to increase from its starting point at the beginning of the float time
before the charge ceases to accumulate in a linear fashion. It is
desirable to operate only in the linear region of the photodiode (see
Figure 28). To verify that float mode is operating in the linear region
of the diode, the user can perform a simple check. Record data at
a desired float time and then record data at half the float time. The
recommended ratio of the two received signals is 2:1. If this ratio
does not hold true, the diode is likely beginning to forward bias at
the longer float time and becomes nonlinear.
Figure 28. Integrated Charge on the Photodiode vs. Float Time
The maximum amount of charge that can be stored on the photo-
diode capacitance and remain in the linear operating region of the
sensor is estimated by
Q = CPD V
where:
Q is the integrated charge.
CPD is the capacitance of the photodiode.
V is the amount of voltage change across the photodiode before the
photodiode becomes nonlinear.
For a typical discrete optical design using a 7 mm2 photodiode with
70 pF capacitance and 450 mV of headroom, the maximum amount



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com