Electronic Components Datasheet Search
  English  ▼

X  

ADPD4200 Datasheet(PDF) 37 Page - Analog Devices

Part # ADPD4200
Description  Multimodal Sensor Front End
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4200 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADPD4200 Datasheet HTML 33Page - Analog Devices ADPD4200 Datasheet HTML 34Page - Analog Devices ADPD4200 Datasheet HTML 35Page - Analog Devices ADPD4200 Datasheet HTML 36Page - Analog Devices ADPD4200 Datasheet HTML 37Page - Analog Devices ADPD4200 Datasheet HTML 38Page - Analog Devices ADPD4200 Datasheet HTML 39Page - Analog Devices ADPD4200 Datasheet HTML 40Page - Analog Devices ADPD4200 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 93 page
background image
Data Sheet
ADPD4200
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 37 of 93
Table 22. Relevant Settings for Digital Integration Modes
Group
Time Slot A Register Address1
Bit Field Name
Description
Signal Path Setup 0x0100, Bits[13:12]
SAMPLE_TYPE_x
Set to 0x1 for one-region digital integration mode. Set to 0x2 for two-region digital
integration mode.
0x0101, Bits[8:0]
AFE_PATH_CFG_x
Set to 0x0E6 for TIA, integrator, and ADC. Bypass BPF. Integrator is automatically
configured as a buffer when one-region or two-region digital integration mode is
selected.
0x0102, Bits[15:12], 0x0102, Bits[3:0]
INPxx_x
Enable desired inputs.
0x0103, Bits[14:12]
PRECON_x
Set to 0x5 to precondition anode of photodiode to TIA_VREF.
0x0103, Bits[7:6], 0x0103, Bits[1:0]
VCx_SEL_x
Set to 0x2 to set ~250 mV reverse bias across photodiode.
0x0104, Bits[5:0]
TIA_GAIN_CHx_x
Select TIA gain.
0x0104, Bits[9:8]
AFE_TRIM_VREF_x
Set to 0x3 to set TIA_VREF = 1.265 V.
Timing
0x0107, Bits[15:8]
NUM_INT_x
Set to the number of desired ADC conversions in the dark and lit regions.
0x0107, Bits[7:0]
NUM_REPEAT_x
Number of sequence repeats.
0x0108, Bits[9:0]
MIN_PERIOD_x
Set the period. Automatic period calculation is not supported in digital integration
mode.
0x0113, Bits[8:0]
LIT_OFFSET_x
Set to the time of the first ADC conversion in the lit region.
0x0114, Bits[6:0]
DARK1_OFFSET_x
Set to the time of the first ADC conversion in the Dark 1 region.
0x0114, Bits[15:7]
DARK2_OFFSET_x
Set to the time of the first ADC conversion in the Dark 2 region. Only used in
two-region digital integration mode.
LED Settings
0x0105, Bit 15, 0x0105, Bit 7, 0x0106,
Bit 15, 0x0106, Bit 7
LED_DRIVESIDEx_x
Select LED for time slot used.
0x0105, Bits[14:8], 0x0105, Bits[6:0],
0x0106, Bits[14:8], 0x0106, Bits[6:0]
LED_CURRENTx_x
Set LED current for selected LED.
0x0109, Bits[7:0]
LED_OFFSET_x
Sets start time of first LED pulse in 1 μs increments.
0x0109, Bits[15:8]
LED_WIDTH_x
Sets width of LED pulse in 1 μs increments.
1 This is the Time Slot A register address. Add 0x020 for the identical register address for each subsequent time slot. For example, Register 0x0100 is the location
for SAMPLE_TYPE_A. For Time Slot B, this register is at Address 0x0120. For Time Slot C, this register is at Address 0x0140. For Time Slot D, this register is at
Address 0x0160, and so on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com