Electronic Components Datasheet Search
  English  ▼

X  

ADPD4200 Datasheet(PDF) 10 Page - Analog Devices

Part # ADPD4200
Description  Multimodal Sensor Front End
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4200 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADPD4200 Datasheet HTML 6Page - Analog Devices ADPD4200 Datasheet HTML 7Page - Analog Devices ADPD4200 Datasheet HTML 8Page - Analog Devices ADPD4200 Datasheet HTML 9Page - Analog Devices ADPD4200 Datasheet HTML 10Page - Analog Devices ADPD4200 Datasheet HTML 11Page - Analog Devices ADPD4200 Datasheet HTML 12Page - Analog Devices ADPD4200 Datasheet HTML 13Page - Analog Devices ADPD4200 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 93 page
background image
Data Sheet
ADPD4200
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 10 of 93
Figure 4. Pin Configuration
Table 12. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
A1
GPIO0
DIO
General-Purpose Input and Output 0. The GPIO0 pin is used for interrupts and various clocking options.
A2
LED4A
AO
LED Driver 4A Current Sink. If not in use, leave the LED4A pin floating.
A3
LED2A
AO
LED Driver 2A Current Sink. If not in use, leave the LED2A pin floating.
A4
LED1A
AO
LED Driver 1A Current Sink. If not in use, leave the LED1A pin floating.
B1
MISO
DO
SPI Master Input/Slave Output.
B2
GPIO1
DIO
General-Purpose Input and Output 1. The GPIO1 pin is used for interrupts and various clocking options.
B3
LED3A
AO
LED Driver 3A Current Sink. If not in use, leave the LED3A pin floating.
B4
LGND
AO
LED Driver Ground.
C1
MOSI
DIO
SPI Master Output/Slave Input.
C2
CS
DIO
SPI Chip Select Input.
C3
SCLK
DIO
SPI Clock Input.
C4
AVDD
S
1.8 V Analog Supply.
D1
IOVDD
S
Input and Output Driver Ground.
D2
DVDD1
S
1.8 V Digital Supply.
D3
AGND
S
Analog Ground.
D4
VREF
REF
Internally Generated ADC Voltage Reference. Buffer the VREF pin with a 1 µF capacitor to AGND.
E1
IOVDD
S
1.8 V or 3.3 V Input and Output Driver Supply.
E2
DGND
S
Digital Ground.
E3
VC2
AO
Output Voltage Source 2 for Photodiode Common Cathode Bias or Other Sensor Stimulus.
E4
VC1
AO
Output Voltage Source 1 for Photodiode Common Cathode Bias or Other Sensor Stimulus.
F1
IN8
AI
Current Input 8. If not in use, leave the IN8 pin floating.
F2
IN7
AI
Current Input 7. If not in use, leave the IN7 pin floating.
F3
IN2
AI
Current Input 2. If not in use, leave the IN2 pin floating.
F4
IN1
AI
Current Input 1. If not in use, leave the IN1 pin floating.
1 DIO means digital input and output, AO means analog output, DO means digital output, S means supply, REF means voltage reference, and AI means analog input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com