Electronic Components Datasheet Search
  English  ▼

X  

L9177ATR Datasheet(PDF) 44 Page - STMicroelectronics

Part # L9177ATR
Description  Automotive engine management control IC for small engines
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9177ATR Datasheet(HTML) 44 Page - STMicroelectronics

Back Button L9177ATR Datasheet HTML 40Page - STMicroelectronics L9177ATR Datasheet HTML 41Page - STMicroelectronics L9177ATR Datasheet HTML 42Page - STMicroelectronics L9177ATR Datasheet HTML 43Page - STMicroelectronics L9177ATR Datasheet HTML 44Page - STMicroelectronics L9177ATR Datasheet HTML 45Page - STMicroelectronics L9177ATR Datasheet HTML 46Page - STMicroelectronics L9177ATR Datasheet HTML 47Page - STMicroelectronics L9177ATR Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 55 page
background image
Block
Component
Name
Usage
Min
Typ
Max
Unit
Reset
Resistor
R_reset
Pull-up resistor
1
kΩ
VDD
Capacitor
C_VDD value
Output capacitor (Ceramic or Tantalum)
4.7
60
µF
C_VDD ESR
1.5
Ω
VDD_trk
Capacitor
C_Vtrk value
Output capacitor
2.2
100
µF
C_Vtrk ESR
10
100
mΩ
Vdd_sby
Capacitor
C_VDD_stby value
Output capacitor
1
10
µF
C_VDD_stby ESR
200
mΩ
VRS
Capacitor
C_VRS+_in
Filter Capacitor
100
pF
VRS
Capacitor
C_VRS-_in
Filter Capacitor
100
pF
VRS
Capacitor
C_VRS+_out
Filter Capacitor
470
pF
VRS
Capacitor
C_VRS-_out
Filter Capacitor
470
pF
VRS
Resistor
R_VRS+
Current limiting resistor
10
kΩ
VRS
Resistor
R_VRS-
Current limiting resistor
10
kΩ
VRS
Capacitor
CF_1
Filter Capacitor
470
pF
VRS
Capacitor
CF_2
Filter Capacitor
100
nF
VRS
Resistor
RF_1
Filter resistor
33
kΩ
VRS
Resistor
RF_2
Filter resistor
33
kΩ
VRS
Resistor
R_VROUT
Pull-up resistor
10
kΩ
K-Line
Resistor
RX_pull-up
Pull-up resistor
2
kΩ
Stepper
Capacitor
C_OUTA
EMI filter capacitor
10
nF
Stepper
Capacitor
C_OUTB
EMI filter capacitor
10
nF
Stepper
Capacitor
C_OUTC
EMI filter capacitor
10
nF
Stepper
Capacitor
C_OUTD
EMI filter capacitor
10
nF
L9177A
Bill of material
DS12175 - Rev 5
page 44/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com