Electronic Components Datasheet Search
  English  ▼

X  

L9177ATR Datasheet(PDF) 22 Page - STMicroelectronics

Part # L9177ATR
Description  Automotive engine management control IC for small engines
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9177ATR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L9177ATR Datasheet HTML 18Page - STMicroelectronics L9177ATR Datasheet HTML 19Page - STMicroelectronics L9177ATR Datasheet HTML 20Page - STMicroelectronics L9177ATR Datasheet HTML 21Page - STMicroelectronics L9177ATR Datasheet HTML 22Page - STMicroelectronics L9177ATR Datasheet HTML 23Page - STMicroelectronics L9177ATR Datasheet HTML 24Page - STMicroelectronics L9177ATR Datasheet HTML 25Page - STMicroelectronics L9177ATR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 55 page
background image
Figure 14. VRS block diagram
GAPGPS00598
2.5.17
K-line
Table 22. K-Line interface electrical characteristics
Pin
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
KL_TX
ITXsource Transmitter input source current
-
10
-
100
µA
ITXsink
Transmitter input sink current
KL_TX = VDD
-
-
2.1
µA
IKL_TX
KL_TX Internal Pull-up
-
-
200
-
kΩ
K_LINE
VKoutL
Transmitter output low voltage
IsinkK_LINE = 35 mA,
KL_TX = Low
-1
-
1.5
V
VKinH
Receiver input high voltage
-
0.7xVB
-
VB
V
VKinL
Receiver input low voltage
-
-1
-
0.35xVB
V
VKH
Receiver input hysteresis
-
0.05xVB
-
0.3xVB
V
IKleak
Receiver leakage current
KL_LINE = VB,KL_TX = High
-
-
1
µA
K_LINE
IKshort
Transmitter short circuit current
KL_LINE = VB, KL_TX = Low
60
-
-
mA
IKrev
Reverse battery or GND loss
current
ENABLE = KEY = VB = 0 V,
KL_LINE = -13.5
-
-
10
mA
IKpull-up KLINE internal pull-up
KL_TX = High
60
-
140
kΩ
IKuv
Under voltage current
KEY = High, KL_TX = Low, VB = 13.5 V,
KL_LINE = -1 V
-
-
1
mA
L9177A
Electrical characteristics
DS12175 - Rev 5
page 22/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com