Electronic Components Datasheet Search
  English  ▼

X  

L9177ATR Datasheet(PDF) 43 Page - STMicroelectronics

Part # L9177ATR
Description  Automotive engine management control IC for small engines
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9177ATR Datasheet(HTML) 43 Page - STMicroelectronics

Back Button L9177ATR Datasheet HTML 39Page - STMicroelectronics L9177ATR Datasheet HTML 40Page - STMicroelectronics L9177ATR Datasheet HTML 41Page - STMicroelectronics L9177ATR Datasheet HTML 42Page - STMicroelectronics L9177ATR Datasheet HTML 43Page - STMicroelectronics L9177ATR Datasheet HTML 44Page - STMicroelectronics L9177ATR Datasheet HTML 45Page - STMicroelectronics L9177ATR Datasheet HTML 46Page - STMicroelectronics L9177ATR Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 55 page
background image
5
Application circuit
Figure 38. Application circuit
R_ext
R_VRS-
R_VRS+
RF_1
CF_2
CF_1
C_OUTD
C_OUTC
C_OUTB
C_OUTA
C_VRS+_in
C_VRS-_in
RF_2
C_VRS-_out
C_VRS+_out
RX_pull-up
VDD
C1VB_MAIN
R_KEY
SPC5x
L9177A
IN2
VDD_StandBy
KEY
IN_REL2
IN_REL1
R_VROUT
R_reset
VDD
VDD
INO2H
KL_LINE
SCK
/CS
SO
SI
ILS_TACH
EN
PWM
DIR
VROUT
IN1
ENABLE
RESET
GNDO2H
GND_A/P
GND_P2
GND_P1
VB
Battery
Battery
To Sensor
VB1
VDD_TRK
HS_OUT
INJ2
Injector 2
VB
Injector 1
GNDJ
VB
INJ1
VRIN+
OUTD
OUTC
OUTB
OUTA
O2H
TACH
VRIN-
REXT
KL_RX
KL_TX
L
REL3
REL2
REL1
Sensor
To Oxygen
To Tachimeter
Pick-Up
From
Motor
Stepper
GAPG1303150713PS
D1
C_Vtrk
C_VDD_stby
C_VDD
5.1
Bill of material
Table 34. Bill of material
Block
Component
Name
Usage
Min
Typ
Max
Unit
Supply
Capacitor
C1VB_MAIN
Bulk capacitor
220
µF
Diode
D1
Reverse polarization protection diode
Key
Resistor
R_Key
Current limiting resistor
20
kΩ
Rext
Resistor
R_ext
Pull-up resistor
10 (1%)
kΩ
L9177A
Application circuit
DS12175 - Rev 5
page 43/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com