Electronic Components Datasheet Search
  English  ▼

X  

L9177ATR Datasheet(PDF) 27 Page - STMicroelectronics

Part # L9177ATR
Description  Automotive engine management control IC for small engines
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9177ATR Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L9177ATR Datasheet HTML 23Page - STMicroelectronics L9177ATR Datasheet HTML 24Page - STMicroelectronics L9177ATR Datasheet HTML 25Page - STMicroelectronics L9177ATR Datasheet HTML 26Page - STMicroelectronics L9177ATR Datasheet HTML 27Page - STMicroelectronics L9177ATR Datasheet HTML 28Page - STMicroelectronics L9177ATR Datasheet HTML 29Page - STMicroelectronics L9177ATR Datasheet HTML 30Page - STMicroelectronics L9177ATR Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 55 page
background image
Figure 19. Power-up sequence
GAPGPS00603
VB
VDD_SB
Key_IN
V_Key_H
Vth_UV Tht
STBY
Wake_Up
T_key_deglitch
On State
Td_UV_rst
State
VDD
RESET
Figure 20. Power-down sequence
GAPGPS00604
VB
VDD_SB
Key_IN
V_Key_L
VDD
RESET
Vth_UV
TfUV_reset
Reset signal detects a VDD undervoltage longer than TfUV_reset by going to low level. When VDD recovers to
normal level Reset signal returns to high level after Power_On_UV_Reset_Delay time (Td_UV_RST). The Reset
signal resets all the internal SPI registers to default value.
3.4
SPI
SPI is a standard four wires interface, that communicates with a data word of 24 bits. By means of SPI all
the channels can be driven in serial way and diagnosis is sent out.Timing of SPI's operations are reported in
Figure 17. The input data (DIN) is read on the rising edge of the SPI's clock (SCLK), in the same way the output
data (DOUT) must be read by the Microcontroller on the SCLK's rising edge.
3.4.1
Data in (DIN)
DIN command is used to turn On/Off internal channels which do not have Parallel Input command, and to clear
diagnostic latches.
DIN is decoded at the end of the frame if the integrity checks are passed.
L9177A
SPI
DS12175 - Rev 5
page 27/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com