Electronic Components Datasheet Search
  English  ▼

X  

L9177ATR Datasheet(PDF) 50 Page - STMicroelectronics

Part # L9177ATR
Description  Automotive engine management control IC for small engines
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9177ATR Datasheet(HTML) 50 Page - STMicroelectronics

Back Button L9177ATR Datasheet HTML 46Page - STMicroelectronics L9177ATR Datasheet HTML 47Page - STMicroelectronics L9177ATR Datasheet HTML 48Page - STMicroelectronics L9177ATR Datasheet HTML 49Page - STMicroelectronics L9177ATR Datasheet HTML 50Page - STMicroelectronics L9177ATR Datasheet HTML 51Page - STMicroelectronics L9177ATR Datasheet HTML 52Page - STMicroelectronics L9177ATR Datasheet HTML 53Page - STMicroelectronics L9177ATR Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 55 page
background image
Revision history
Table 36. Document revision history
Date
Revision
Changes
20-Sep-2017
1
Initial release.
29-Sep-2017
2
Updated Table 1. Pin function pin 27 column "Class" from SIGNAL to PWR;
Updated Section 2.1.1 Supply voltage;
Changed titles: Section 3.5.6 Stepper motor driver OFF diagnosis (EN signal low and
output in high impedance state) and Section 3.5.7 Stepper motor driver ON diagnosis
(EN signal high and output driven by input commands);
Updated "Notes" in the Table 4. ESD protection;
Updated unit of "T_key_deglitch" parameter" in Table 7. Key electrical characteristics
and "R_pull" in Table 8. Digital pins characteristics.
05-Dec-2017
3
Corrected typos in the titles of the sections: Section 3.5.6 Stepper motor
driver OFF diagnosis (EN signal low and output in high impedance state) and
Section 3.5.7 Stepper motor driver ON diagnosis (EN signal high and output driven
by input commands).
Updated Table 1. Pin function.
Substituted in the datasheet (texts, tables and drawings) "Vdd" with "VDD".
Updated: Figure 5. 5 V main regulator block diagram; Section 2.5.9 High
side switch; Figure 10. Low-side driver block diagram; Figure 16. SO loading for
disable time measurement; Figure 17. SPI timing diagram; Section 3.4.1 Data in
(DIN); Section 3.4.2 Data out (DOUT); Section 3.5.3 Undervoltage shut down;
Section 5.1 Bill of material.
26-Nov-2018
4
Updated:
Section Description; Section 2.1 Operating range; Section 2.2 Absolute
maximum ratings; Table 8. Digital pins characteristics; Figure 5. 5 V main regulator
block diagram; Figure 3. Input threshold; Table 17. Current limited LSD driver
characteristics; Section 3.5.5 Current limited low side driver on/off diagnosis;
Figure 17. SPI timing diagram; Figure 19. Power-up sequence; Figure 20. Power-
down sequence; Section 3.4.1 Data in (DIN); Figure 21. An example of under and
over voltage time diagram; Section 3.5.8 VRS diagnosis; Figure 38. Application
circuit; Table 34. Bill of material.
Changed in all document "LAMP" pin in "L" (Current limited LSD). Updated
Section 2.5 Electrical characteristics.
17-Nov-2020
5
Removed L9177A Order code in cover page.
L9177A
DS12175 - Rev 5
page 50/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com