Electronic Components Datasheet Search
  English  ▼

X  

L9177ATR Datasheet(PDF) 23 Page - STMicroelectronics

Part # L9177ATR
Description  Automotive engine management control IC for small engines
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9177ATR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L9177ATR Datasheet HTML 19Page - STMicroelectronics L9177ATR Datasheet HTML 20Page - STMicroelectronics L9177ATR Datasheet HTML 21Page - STMicroelectronics L9177ATR Datasheet HTML 22Page - STMicroelectronics L9177ATR Datasheet HTML 23Page - STMicroelectronics L9177ATR Datasheet HTML 24Page - STMicroelectronics L9177ATR Datasheet HTML 25Page - STMicroelectronics L9177ATR Datasheet HTML 26Page - STMicroelectronics L9177ATR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 55 page
background image
Pin
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
KL_RX
VRXoutL KL_RX output low voltage
Isink= 0.4 mA
-
-
0.4
V
KL_TX to
K_LINE
Tp_HLT
Transmitter turn-on delay time
CKline = 10 nF,
RKline = 510 Ω
-
-
5
µs
K_LINE
T_fT
Transmitter fall time
CKline = 10 nF,
RKline = 510 Ω
-
-
10
µs
KL_LINE to
KL_RX
TpR
Receiver turn-on delay time
Cload= 20 pF,
RPKL_Rx = 2 kΩ
-
-
4
µs
KL_RX
T_fR
Receiver fall time
C load= 20 pF,
RPKL_Rx = 2 kΩ
-
-
2
µs
T_rR
Receiver rise time
Cload= 20 pF,
RPKL_Rx = 2 kΩ
-
-
2
µs
K_LINE
fMax
Max transmission Operating
frequency
Application info
-
-
60
kHz
Figure 15. K-line block diagram
GAPGPS00599
2
2.5.18
SPI interface
Table 23. SPI characteristics and timings
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
SICin
Input capacitance
-
-
-
20
pF
SCKCin
-
-
-
20
pF
tSCKCS
Clock inactive time before frame
-
100
-
-
ns
L9177A
Electrical characteristics
DS12175 - Rev 5
page 23/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com