Electronic Components Datasheet Search
  English  ▼

X  

L9177ATR Datasheet(PDF) 25 Page - STMicroelectronics

Part # L9177ATR
Description  Automotive engine management control IC for small engines
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9177ATR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L9177ATR Datasheet HTML 21Page - STMicroelectronics L9177ATR Datasheet HTML 22Page - STMicroelectronics L9177ATR Datasheet HTML 23Page - STMicroelectronics L9177ATR Datasheet HTML 24Page - STMicroelectronics L9177ATR Datasheet HTML 25Page - STMicroelectronics L9177ATR Datasheet HTML 26Page - STMicroelectronics L9177ATR Datasheet HTML 27Page - STMicroelectronics L9177ATR Datasheet HTML 28Page - STMicroelectronics L9177ATR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 55 page
background image
3
Functional description
3.1
Chip working conditions
Table 24. A outputs working conditions
-
Standby Run mode VB_OV VB_UV Reset
Over current
Thermal warning
VDD_SB regulator
ON
ON
ON
ON
ON
Current limitation
ON
VDD regulator
OFF
ON
OFF
OFF
ON
Current limitation
OFF if linked with VDD current
limitation
VDD_TRK regulator
OFF
ON
OFF
OFF
ON
Current limitation
OFF if linked with VDD_TRK current
limitation
All LS drivers
OFF
ON
OFF
OFF
OFF
Over current switch off
ON
Diagnostics of all LS drivers
OFF
ON
OFF
OFF
ON(1)
-
ON
HS Driver
OFF
ON
OFF
OFF
OFF
Current limitation
ON
Stepper Motor Driver
OFF
ON
OFF
OFF
OFF
Over current switch off
ON
K-line Transceiver
OFF
ON
OFF
OFF
OFF
Current limitation
ON
VRS
OFF
ON
OFF
OFF
OFF
-
ON
SPI
Default
Default
Default Default Default
ON
ON
1. The diagnostic currents and comparator are switched on in reset condition.
3.2
Chip bias current generation
The Internal current generator circuit is buffering internal band-gap voltage (1.2 V typ.) on a high precision
external resistor (10 kΩ ±1 %) and generates an accurate current reference used to create all the chip bias
currents.
L9177A
Functional description
DS12175 - Rev 5
page 25/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com