Electronic Components Datasheet Search
  English  ▼

X  

L9177ATR Datasheet(PDF) 33 Page - STMicroelectronics

Part # L9177ATR
Description  Automotive engine management control IC for small engines
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9177ATR Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L9177ATR Datasheet HTML 29Page - STMicroelectronics L9177ATR Datasheet HTML 30Page - STMicroelectronics L9177ATR Datasheet HTML 31Page - STMicroelectronics L9177ATR Datasheet HTML 32Page - STMicroelectronics L9177ATR Datasheet HTML 33Page - STMicroelectronics L9177ATR Datasheet HTML 34Page - STMicroelectronics L9177ATR Datasheet HTML 35Page - STMicroelectronics L9177ATR Datasheet HTML 36Page - STMicroelectronics L9177ATR Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 55 page
background image
Figure 24. Current limited low side driver diagnosis time diagram
GAPGPS00608
3.5.6
Stepper motor driver OFF diagnosis (EN signal low and output in high impedance state)
In OFF condition Short to GND/Short to VB or Open Load condition is continuously detected through a deglitch
filter of 125 µs ±25 %, after Tmask masking time of 1 ms ±25 % to filter ON/ OFF transition. To avoid false
diagnostic due to motor residual movement, the stepper has to be disabled at least 40 ms after the PWL signal
has been disabled. A fault longer than deglitch time is latched. OFF state diagnostic fault can be overwritten by
ON state fault. OFF state fault does not prevent the stepper from switching on. The latched fault is cleared on
request.
3.5.7
Stepper motor driver ON diagnosis (EN signal high and output driven by input commands)
In ON condition when over current fault is detected and validated after digital filtering time Tdgc of 20 µs ±25 %,
the bridge is turned OFF and the fault is latched. The bridge is turned ON again by input command EN transition.
The latched fault is cleared on request. Over current fault has higher priority with respect to OFF condition faults.
Each Bridge has dedicated fault diagnosis detection coded by three bits.
L9177A
Diagnosis
DS12175 - Rev 5
page 33/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com