Electronic Components Datasheet Search
  English  ▼

X  

L9177ATR Datasheet(PDF) 28 Page - STMicroelectronics

Part # L9177ATR
Description  Automotive engine management control IC for small engines
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9177ATR Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L9177ATR Datasheet HTML 24Page - STMicroelectronics L9177ATR Datasheet HTML 25Page - STMicroelectronics L9177ATR Datasheet HTML 26Page - STMicroelectronics L9177ATR Datasheet HTML 27Page - STMicroelectronics L9177ATR Datasheet HTML 28Page - STMicroelectronics L9177ATR Datasheet HTML 29Page - STMicroelectronics L9177ATR Datasheet HTML 30Page - STMicroelectronics L9177ATR Datasheet HTML 31Page - STMicroelectronics L9177ATR Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 55 page
background image
Table 25. Data in (DIN) words content
DIN23
DIN22
DIN21
DIN20
DIN19
DIN18
DIN17
DIN16
Mask
L_0
L_1
VRS Diag
VRS Hys0
VRS Hys1
VRS Hys2
0
DIN15
DIN14
DIN13
DIN12
DIN11
DIN10
DIN9
DIN8
INJ1_0
INJ1_1
INJ2_0
INJ2_1
O2H_0
O2H_1
RLY1_0
RLY1_1
DIN7
DIN6
DIN5
DIN4
DIN3
DIN2
DIN1
DIN0
RLY2_0
RLY2_1
RLY3_0
RLY3_1
TACH_0
TACH_1
Clear diag
Parity
Data in structure (MSB first)
•
Mask bit is used to mask serial command for diagnosis only readings on DOUT:
0 - Read Diag. All DIN bits are ignored.
1 - Write. All DIN are transferred into the internal registers.
•
Command bits are used to control the output drivers: (INJ1-2, O2H, RLY1-2-3, L and TACH) as described in
the following table:
Table 26. Data in command bits structure
xxx_0
xxx_1
Description
0
1
Turn-off driver / parallel polarity 0
1
1
Turn-on driver / parallel polarity 1
X
0
No change (the driver will maintain the previous condition)
•
VRS Diag bit is used active high to enable diagnostic phase of VRS block, the diagnosis can be done only
when the phonic wheel is stopped.
•
Programmable VRS Hysteresis: VRS hysteresis is programmable in 5 steps according to Table 27.
•
Clear Diag, when set to 1 generates a request to clear those diagnostic flags which are latched.
•
In addition odd parity bit (that is the last bit of the frame and includes in its calculation the "Don't care" bits)
is used for DIN word check together with falling clock edges count.
Table 27. Data in VRS hysteresis
Hys 0
Hys 1
Hys 2
Description
0
0
0
Auto adaptive hysteresis
1
0
0
Hys VRS = 100 mV
0
1
0
Hys VRS = 200 mV
1
1
0
Hys VRS = 350 mV
0
0
1
Hys VRS = 650 mV
1
0
1
Hys VRS = 1000 mV
1
1
1
Not Valid (Hys doesn't change)
L9177A
SPI
DS12175 - Rev 5
page 28/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com