Electronic Components Datasheet Search
  English  ▼

X  

L9177ATR Datasheet(PDF) 30 Page - STMicroelectronics

Part # L9177ATR
Description  Automotive engine management control IC for small engines
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9177ATR Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L9177ATR Datasheet HTML 26Page - STMicroelectronics L9177ATR Datasheet HTML 27Page - STMicroelectronics L9177ATR Datasheet HTML 28Page - STMicroelectronics L9177ATR Datasheet HTML 29Page - STMicroelectronics L9177ATR Datasheet HTML 30Page - STMicroelectronics L9177ATR Datasheet HTML 31Page - STMicroelectronics L9177ATR Datasheet HTML 32Page - STMicroelectronics L9177ATR Datasheet HTML 33Page - STMicroelectronics L9177ATR Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 55 page
background image
3.5.2
Overvoltage shut down
If the VB_off voltage is reached after Tdgc filtering time of 30 µs ±25 % the device enters a safety state where
the main outputs are switched-off. Voltage regulators, all low side channels, stepper motor driver and KLINE are
switched off and reset is asserted. As soon as the battery goes below VB_off minus VB_off_h the device recovers
standard operation.
3.5.3
Undervoltage shut down
If the VB_UV voltage is reached after analog Tdgc 1 µs ±20 % filtering time the device enters a safety state where
main outputs are switched-off. Voltage regulators, all low side channels, stepper motor driver and KLINE are
switched off. As soon as the battery rises above VB_UV plus the hysteresis the device recovers normal operation.
Figure 21. An example of under and over voltage time diagram
VB
VB
5V
5V
5V
VB
LIMITED VB
0
0
0
0
0
0
KEY
VDD
Vth_UV Tht
Td_UV_rst
TfUV_reset
Tdgc_VB_OV
Td_UV_rst
VDD_TRK
HS_OUT
RST
BATTERY LINE
CONNECTION
STAND-BY IGNITION KEY
SWITCH ON
IGNITION KEY
SWITCH OFF
STAND-BY
VDD
UNDERVOLTAGE
VB OVERVOLTAGE
PROTECTION
Td_UV_rst
Vth_UV Tht
VB_off
VB_off
GADG0412171117PS
3.5.4
Low side on/off diagnosis (INJ, RLY's, TACH, O2H)
About low side channels OFF diagnosis, the device issues a masking filter Tmask after channel turning off (falling
edge of driving command) to avoid false fault detecting due to output transition from low to high. Tmask is of 1 ms
±25 % for all channels except for the relays, for which Tmask is 3.5 ms ±25 %. Once masking time has expired
a deglitch filter Tdgc_noise of 3.6 µs ±40 % for noise immunity is activated. A fault longer than deglitch time is
latched. OFF state diagnostic fault can be overwritten by ON state fault. OFF state fault does not prevent the
driver from switching on. The latched fault is cleared on request.
During on-phase if an over current fault occurs the drivers enter in current limitation condition for a digital filtering
time Tdgc of 20 µs ±25 %,then it is switched OFF and the fault is latched. The channel is turned ON again by
input command transition. The latched fault is cleared on request via SPI.
Over current fault has higher priority respect to OFF condition faults.
L9177A
Diagnosis
DS12175 - Rev 5
page 30/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com