Electronic Components Datasheet Search
  English  ▼

X  

L9177ATR Datasheet(PDF) 45 Page - STMicroelectronics

Part # L9177ATR
Description  Automotive engine management control IC for small engines
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9177ATR Datasheet(HTML) 45 Page - STMicroelectronics

Back Button L9177ATR Datasheet HTML 41Page - STMicroelectronics L9177ATR Datasheet HTML 42Page - STMicroelectronics L9177ATR Datasheet HTML 43Page - STMicroelectronics L9177ATR Datasheet HTML 44Page - STMicroelectronics L9177ATR Datasheet HTML 45Page - STMicroelectronics L9177ATR Datasheet HTML 46Page - STMicroelectronics L9177ATR Datasheet HTML 47Page - STMicroelectronics L9177ATR Datasheet HTML 48Page - STMicroelectronics L9177ATR Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 55 page
background image
6
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
6.1
TQFP 10x10 64L exposed pad down package information
Figure 39. TQFP 10x10 64L exposed pad down package outline
θ
θ2
θ3
θ1
BOTTOM VIEW
TOP VIEW
(see SECTION A-A)
GADG091220191138PKG9l
7278840_Rev12.0_PkgCode_9I
L9177A
Package information
DS12175 - Rev 5
page 45/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com