Electronic Components Datasheet Search
  English  ▼

X  

L9177ATR Datasheet(PDF) 9 Page - STMicroelectronics

Part # L9177ATR
Description  Automotive engine management control IC for small engines
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9177ATR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L9177ATR Datasheet HTML 5Page - STMicroelectronics L9177ATR Datasheet HTML 6Page - STMicroelectronics L9177ATR Datasheet HTML 7Page - STMicroelectronics L9177ATR Datasheet HTML 8Page - STMicroelectronics L9177ATR Datasheet HTML 9Page - STMicroelectronics L9177ATR Datasheet HTML 10Page - STMicroelectronics L9177ATR Datasheet HTML 11Page - STMicroelectronics L9177ATR Datasheet HTML 12Page - STMicroelectronics L9177ATR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
3. Pins are OUTA-D, TACH, O2H, L, INJ1-2, KEY, REL1-2-3,VB,KL_LINE, VDD_TRK all GND connected together. The device
is AEC-Q100 compliant.
2.3
Latch-up test
According to JEDEC 78 class 2 level A.
2.4
Temperature ranges and thermal data
Table 5. Temperature ranges and thermal data
Symbol
Parameter
Min
Max
Unit
Tamb
Operating temperature (ECU environment)
-40
125
°C
Tj
Operating junction temperature
-40
150
°C
Tstg
Storage temperature
-40
150
°C
Tot
Thermal shut-down temperature
155
200
°C
OThys
Thermal shut-down temperature hysteresis
10
°C
RTh j-amb
Thermal resistance junction-to-ambient (1)
20
°C/W
RTh j-case
Thermal resistance junction-to-case
2
°C/W
1. with 2s2p PCB thermally enhanced.
2.5
Electrical characteristics
VB = 6 V to 18 V, Tamb = -40 °C to 125 °C.
2.5.1
Supply
Table 6. Supply electrical characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VB
Operating supply voltage range
-
6
-
18
V
VB_off
Vbat switch off threshold voltage
-
30
32
34
V
VB OVh
Overvoltage threshold hysteresis
-
0.5
-
-
V
VB UVL
Undervoltage disable LOW threshold
-
3.5
3.7
3.9
V
VB UVh
Undervoltage threshold hysteresis
-
0.3
-
1
V
IVB(dis)
Standby current from VB, VB_1
VB = VB_1 = 13 V, device disabled, KEY < 0.7 V
-
-
120
µA
IVB
Quiescent current
VB = VB_1 = 13 V, outputs floating
-
-
20
mA
Vrext
ASIC Bias reference
Application info
-
1.22
-
V
fint_clk
Internal clock reference
Application info
-
5.6
-
MHz
Tdgc_VB_OV
VB overvoltage shut-down filter time
Guaranteed by scan
22.5
30
37.5
µs
Tdgc_VB_UV
VB undervoltage shut-down filter time
Guaranteed by scan
0.8
1
1.2
µs
L9177A
Latch-up test
DS12175 - Rev 5
page 9/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com