Electronic Components Datasheet Search
  English  ▼

X  

L9177ATR Datasheet(PDF) 42 Page - STMicroelectronics

Part # L9177ATR
Description  Automotive engine management control IC for small engines
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9177ATR Datasheet(HTML) 42 Page - STMicroelectronics

Back Button L9177ATR Datasheet HTML 38Page - STMicroelectronics L9177ATR Datasheet HTML 39Page - STMicroelectronics L9177ATR Datasheet HTML 40Page - STMicroelectronics L9177ATR Datasheet HTML 41Page - STMicroelectronics L9177ATR Datasheet HTML 42Page - STMicroelectronics L9177ATR Datasheet HTML 43Page - STMicroelectronics L9177ATR Datasheet HTML 44Page - STMicroelectronics L9177ATR Datasheet HTML 45Page - STMicroelectronics L9177ATR Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 55 page
background image
Figure 37. O2H low side driver slew rate
GAPGPS00620
TYP condition (Rload = 10ohm, Cload = 10nF) @ room temperature
Vout
Iout
13V
4.41V/µs
4.41V/µs
1.27A
432mA/µs
450mA/µs
20%
2V
2.65V
2V
1.8V
60ns
100ns
20%
80%
80%
[s]
[s]
L9177A
Low side drivers
DS12175 - Rev 5
page 42/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com