Electronic Components Datasheet Search
  English  ▼

X  

L9177ATR Datasheet(PDF) 29 Page - STMicroelectronics

Part # L9177ATR
Description  Automotive engine management control IC for small engines
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9177ATR Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L9177ATR Datasheet HTML 25Page - STMicroelectronics L9177ATR Datasheet HTML 26Page - STMicroelectronics L9177ATR Datasheet HTML 27Page - STMicroelectronics L9177ATR Datasheet HTML 28Page - STMicroelectronics L9177ATR Datasheet HTML 29Page - STMicroelectronics L9177ATR Datasheet HTML 30Page - STMicroelectronics L9177ATR Datasheet HTML 31Page - STMicroelectronics L9177ATR Datasheet HTML 32Page - STMicroelectronics L9177ATR Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 55 page
background image
3.4.2
Data out (DOUT)
Status flags are sampled and sent out through DOUT pin at each R/W SPI operation. The structure of the 24 bit
word is described in Table 28. A three bits diagnosis is provided for stepper motor driver, a two bit diagnosis for
other drivers. VRS diagnosis is coded as '0' means No Fault, while '1' means Fault. Over temperature warning is
coded as '0' means No Fault, while '1' means Fault.
The SPI default value is: all bits set to zero.
Table 28. Data out (DOUT) words content
DOUT23
DOUT22
DOUT21
DOUT20
DOUT19
DOUT18
DOUT17
DOUT16
INJ1 Diag0
INJ1 Diag1
INJ2 Diag0
INJ2 Diag1
O2H Diag0
O2H Diag1
RLY1 Diag0
RLY1 Diag1
DOUT15
DOUT14
DOUT13
DOUT12
DOUT11
DOUT10
DOUT9
DOUT8
RLY2 Diag0
RLY2 Diag1
RLY3 Diag0
RLY3 Diag1
L Diag0
L Diag1
TACH Diag0
TACH Diag1
DOUT7
DOUT6
DOUT5
DOUT4
DOUT3
DOUT2
DOUT1
DOUT0
VRS Diag
Thermal Warning
Brdg1 Diag0
Brdg1 Diag1
Brdg1 Diag2
Brdg2 Diag0
Brdg2 Diag1
Brdg2 Diag2
Data out structure
Table 29. Two bits diagnosis (normal drivers)
Bit 0
Bit 1
Fault
0
0
No Fault
1
0
Short to Ground (OFF)
0
1
Open Load (OFF)
1
1
Overcurrent (ON)
Table 30. Three bits diagnosis (bridge stage)
Bit 0
Bit 1
Bit 2
Fault
0
0
0
No Fault
1
0
0
Short to Ground (OFF)
1
0
1
Short to VBAT (OFF)
0
1
0
Open Load (OFF)
1
1
0
Overcurrent (ON)
3.5
Diagnosis
The device provides a full set of diagnosis; deglitch timings listed below are digital, generated from internal clock
and their accuracy is guaranteed by scan patterns and clock measurement.
3.5.1
Voltage regulators thermal warning and shutdown
The 5V linear voltage regulator/tracking regulator is shut down when the thermal shutdown temperature is
reached and also the regulator is in current limitation. The shutdown is filtered with Tdcg filter of 30 µs ±25 %. As
soon as the over temperature disappears the regulator is switched on again. Over temperature flag without any
latch is present via SPI.
L9177A
Diagnosis
DS12175 - Rev 5
page 29/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com