Electronic Components Datasheet Search
  English  ▼

X  

L9177ATR Datasheet(PDF) 24 Page - STMicroelectronics

Part # L9177ATR
Description  Automotive engine management control IC for small engines
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9177ATR Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L9177ATR Datasheet HTML 20Page - STMicroelectronics L9177ATR Datasheet HTML 21Page - STMicroelectronics L9177ATR Datasheet HTML 22Page - STMicroelectronics L9177ATR Datasheet HTML 23Page - STMicroelectronics L9177ATR Datasheet HTML 24Page - STMicroelectronics L9177ATR Datasheet HTML 25Page - STMicroelectronics L9177ATR Datasheet HTML 26Page - STMicroelectronics L9177ATR Datasheet HTML 27Page - STMicroelectronics L9177ATR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 55 page
background image
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
tCSSO
Access time
See (1)
-
-
500
ns
tSOdis
Output data (SO) disable time
No Capacitor on SO,
See (2)
-
-
500
ns
tlead
Channels select (CS) lead time
See (1)
500
-
-
ns
tSCKFSO
Output valid time
See (1), @ fCLK= 5.4 MHz
60
-
-
ns
tSOCS
Output data (SO) disable time
No capacitor on SO, see (1)
-
500
ns
tSIsetup
Input data (SI) set-up time
@ fCLK= 5.4 MHz
20
-
-
ns
tSIhold
Input data (SI) hold time
@ fCLK= 5.4 MHz
20
-
-
ns
tSCK
CLK period
-
185
-
-
ns
tCSSCK
Clock inactive time after frame
-
600
-
-
ns
tCSN
CS de asserted time
-
600
-
-
ns
1. see Figure 17. SPI timing diagram
2. see Figure 16. SO loading for disable time measurement
Figure 16. SO loading for disable time measurement
VDD
SO
1 kΩ
1 kΩ
+5 V
1.0 V
4.0 V
tSOdis
SO
CS
GADG0412170958PS
Figure 17. SPI timing diagram
t CSSO
tSOCS
tCSSCK
t lead
t SCKCS
t SCKFSO
CS
SCK
DIN
DOUT
DIN23
DOUT23 DOUT22
DOUT21
DOUT20
DOUT...
DOUT...
DOUT...
DOUT0
DIN22
DIN21
DIN20
DIN...
DIN...
DIN1
DIN0
GADG0412171035PS
L9177A
Electrical characteristics
DS12175 - Rev 5
page 24/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com