Electronic Components Datasheet Search
  English  ▼

X  

L9177ATR Datasheet(PDF) 18 Page - STMicroelectronics

Part # L9177ATR
Description  Automotive engine management control IC for small engines
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9177ATR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L9177ATR Datasheet HTML 14Page - STMicroelectronics L9177ATR Datasheet HTML 15Page - STMicroelectronics L9177ATR Datasheet HTML 16Page - STMicroelectronics L9177ATR Datasheet HTML 17Page - STMicroelectronics L9177ATR Datasheet HTML 18Page - STMicroelectronics L9177ATR Datasheet HTML 19Page - STMicroelectronics L9177ATR Datasheet HTML 20Page - STMicroelectronics L9177ATR Datasheet HTML 21Page - STMicroelectronics L9177ATR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 55 page
background image
1. Vdiagth_L < Vout < Vdiagth_H→ Open Load; Vout < Vdiagth_L→ Short to GND
2.5.13
Tachometer driver
Table 18. Tachometer driver electrical characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Ioc
Overcurrent threshold
-
100
-
500
mA
Ron
On resistance
I = 25 mA
-
-
5
Ω
Ilk_off
Leakage current
Vout = 18 V, Key = 0 V
-
-
10
µA
Ilk_on
Pull-Down diagnosis current
Vout = 18 V, Key = 5 V
-
-
100
µA
ton_off
Turn on-off delay
From CMD (serial or parallel) rising edge
-
-
6
µs
VOL
Open load output voltage
driver in OFF condition
0.46*VDD
0.5*VDD
0.54*VDD
V
Vdiagth_H (1) Diagnostic high threshold
Driver in OFF condition
0.54*VDD
0.6*VDD
0.66*VDD
V
Vdiagth_L (1) Diagnostic low threshold
Driver in OFF condition
0.36*VDD
0.4*VDD
0.44*VDD
V
Tmask
OFF diagnostic masking time
Guaranteed by scan
0.75
1
1.25
ms
Tdcg_noise OFF diagnostic Deglitch filter time
Guaranteed by scan
2.16
3.6
5.04
µs
Tdcg
ON diagnostic Deglitch filter time
Guaranteed by scan
15
20
25
µs
1. Vdiagth_L < Vout < Vdiagth_H → Open Load; Vout < Vdiagth_L → Short to GND
2.5.14
Stepper motor driver
Table 19. Stepper motor driver electrical characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Ioc
Overcurrent threshold
ON condition
0.85
-
2
A
RdsON
On resistance HS+LS
I out= 0.5 A,
T j= 150 °C, V B= 14 V
-
-
2.6
Ω
fstepper
Working frequency
Application info
-
-
20
kHz
Vout_off (1)(2)(3)
OUTA_B_C_D output voltage
OUTA short to OUTB; OUTC short to OUTD;
Stepper driver disable
0.44*VDD 0.5*VDD 0.54*VDD
V
Vdiagth_H
Diagnostic high threshold
Driver in OFF condition
0.54*VDD 0.6*VDD 0.66*VDD
V
Vdiagth_L
Diagnostic low threshold
Driver in OFF condition
0.36*VDD 0.4*VDD 0.44*VDD
V
IDSS_OUT
Output leakage current
Driver in OFF condition
-
-
10
µA
tscvb
Over current switch_off time
Guaranteed by scan
-
-
25
µs
trb
Rise output time
VB = 12 V, RI = 39 Ω
-
-
15
µs
tfb
Fall output time
VB = 12 V, RI = 39 Ω
-
-
15
µs
trb-a
Rise output time
Tamb = 25 °C,
VB = 12 V, RI = 39 Ω
-
-
10
µs
tfb-a
Fall output time
-
-
10
µs
tpHLb
Turn-off in/out delay time
VB = 12 V, RI = 39 Ω
-
-
15
µs
tpLHb
Turn-off in/out delay time
-
-
15
µs
Vreverse_HS
Reverse HS diode drop
Driver in OFF condition Iinjected= 0.5 A
-
-
1.5
V
Vreverse_LS
Reverse LS diode drop
Driver in OFF condition ISourced = 0.5 A
-
-
-1.5
V
L9177A
Electrical characteristics
DS12175 - Rev 5
page 18/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com