Electronic Components Datasheet Search
  English  ▼

X  

L9177ATR Datasheet(PDF) 20 Page - STMicroelectronics

Part # L9177ATR
Description  Automotive engine management control IC for small engines
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9177ATR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L9177ATR Datasheet HTML 16Page - STMicroelectronics L9177ATR Datasheet HTML 17Page - STMicroelectronics L9177ATR Datasheet HTML 18Page - STMicroelectronics L9177ATR Datasheet HTML 19Page - STMicroelectronics L9177ATR Datasheet HTML 20Page - STMicroelectronics L9177ATR Datasheet HTML 21Page - STMicroelectronics L9177ATR Datasheet HTML 22Page - STMicroelectronics L9177ATR Datasheet HTML 23Page - STMicroelectronics L9177ATR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 55 page
background image
Figure 13. Stepper motor operations
EN
PWM
DIR
VoutA
VoutB
VoutC
VoutD
GADG2408171141PS
2.5.15
O2 sensor heater driver
Table 20. O2 sensor heater driver characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
R dsON
On resistance
Iout= 3 A
-
-
0.5
Ω
VC
Output clamping voltage
Iout= 3 A
40
-
50
V
Ilk_off
Leakage current
Vout= 18 V,Key = 0 V
-
-
10
µA
Ilk_on
Pull-Down diagnosis current
Vout= 18 V, Key = 5 V
-
-
100
µA
ton_off
Turn on-off delay
From CMD (serial or parallel) rising edge
-
-
6
µs
VOL
Open load output voltage
Driver in OFF condition
0.46*VDD
0.5*VDD
0.54*VDD
V
IOC
Overcurrent threshold
3.8
-
5
A
Vdiagth_H (1) Diagnostic high threshold
Driver in OFF condition
0.54*VDD
0.6*VDD
0.66*VDD
V
V diagth_L (1) Diagnostic low threshold
Driver in OFF condition
0.36*VDD
0.4*VDD
0.44*VDD
V
Tmask
OFF diagnostic masking time
Guaranteed by scan
0.75
1
1.25
ms
Tdcg_noise OFF diagnostic Deglitch filter time
Guaranteed by scan
2.16
3.6
5.04
µs
Tdcg
ON diagnostic Deglitch filter time
Guaranteed by scan
15
20
25
µs
1. V diagth_L < V out<V diagth_H→ Open Load; V out < V diagth_L→ Short to GND
L9177A
Electrical characteristics
DS12175 - Rev 5
page 20/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com