Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 128 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 128 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 124Page - Cirrus Logic CS47L85 Datasheet HTML 125Page - Cirrus Logic CS47L85 Datasheet HTML 126Page - Cirrus Logic CS47L85 Datasheet HTML 127Page - Cirrus Logic CS47L85 Datasheet HTML 128Page - Cirrus Logic CS47L85 Datasheet HTML 129Page - Cirrus Logic CS47L85 Datasheet HTML 130Page - Cirrus Logic CS47L85 Datasheet HTML 131Page - Cirrus Logic CS47L85 Datasheet HTML 132Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 370 page
background image
CS47L85
128
Rev 4.3
DESCRIPTION
REGISTER ADDRESS
DSP MEMORY SIZE
DSP1
Program memory
08_0000h to 08_5FFEh
(12288 registers)
8k x 40-bit words
X Data memory
0A_0000h to 0A_7FFEh
(16384 registers)
16k x 24-bit words
Y Data memory
0C_0000h to 0C_1FFEh
(4096 registers)
4k x 24-bit words
Coefficient memory
0E_0000h to 0E_1FFEh
(4096 registers)
4k x 24-bit words
DSP2
Program memory
10_0000h to 10_EFFEh
(30720 registers)
20k x 40-bit words
X Data memory
12_0000h to 12_BFFEh
(24576 registers)
24k x 24-bit words
X Data memory
(Shared DSP2/DSP3)
13_6000h to 13_7FFEh
(4096 registers)
4k x 24-bit words
Y Data memory
14_0000h to 14_BFFEh
(24576 registers)
24k x 24-bit words
Coefficient memory
16_0000h to 16_1FFEh
(4096 registers)
4k x 24-bit words
DSP3
Program memory
18_0000h to 18_EFFEh
(30720 registers)
20k x 40-bit words
X Data memory
1A_0000h to 1B_1FFEh
(36864 registers)
36k x 24-bit words
X Data memory
(Shared DSP2/DSP3)
1B_6000h to 1B_7FFEh
(4096 registers)
4k x 24-bit words
Y Data memory
1C_0000h to 1C_BFFEh
(24576 registers)
24k x 24-bit words
Coefficient memory
1E_0000h to 1E_1FFEh
(4096 registers)
4k x 24-bit words
DSP4
Program memory
20_0000h to 20_8FFEh
(18432 registers)
12k x 40-bit words
X Data memory
22_0000h to 23_1FFEh
(36864 registers)
36k x 24-bit words
Y Data memory
24_0000h to 24_BFFEh
(24576 registers)
24k x 24-bit words
Coefficient memory
26_0000h to 26_1FFEh
(4096 registers)
4k x 24-bit words
DSP5
Program memory
28_0000h to 28_8FFEh
(18432 registers)
12k x 40-bit words
X Data memory
2A_0000h to 2A_9FFEh
(20480 registers)
20k x 24-bit words
Y Data memory
2C_0000h to 2C_3FFEh
(8192 registers)
8k x 24-bit words
Coefficient memory
2E_0000h to 2E_1FFEh
(4096 registers)
4k x 24-bit words
DSP6
Program memory
30_0000h to 30_5FFEh
(12288 registers)
8k x 40-bit words
X Data memory
32_0000h to 33_3FFEh
(40960 registers)
40k x 24-bit words
Y Data memory
34_0000h to 34_BFFEh
(24576 registers)
24k x 24-bit words
Coefficient memory
36_0000h to 36_1FFEh
(4096 registers)
4k x 24-bit words
DSP7
Program memory
38_0000h to 38_8FFEh
(18432 registers)
12k x 40-bit words
X Data memory
3A_0000h to 3A_7FFEh
(16384 registers)
16k x 24-bit words
Y Data memory
3C_0000h to 3C_1FFEh
(4096 registers)
4k x 24-bit words
Coefficient memory
3E_0000h to 3E_1FFEh
(4096 registers)
4k x 24-bit words
Table 25 DSP Program, Coefficient and Data Registers
The X-Memory on each DSP supports read/write access to all register fields throughout the device - including the CODEC
control registers, and the firmware memory of all of the integrated DSP cores. Access to the register address space is
supported using a number of register ‘windows’ within the X-Memory on each DSP.
The register window space is additional to the X Data memory sizes described in Table 25. Note that the X-memory
addresses of these register windows are the same for all DSP cores - regardless of the different X-memory sizes.
Addresses 0xC000 to 0xDFFF in X-Memory map directly to addresses 0x0000 to 0x1FFF in the device register space. This
fixed register window contains primarily the CODEC control registers; it also includes the ‘Virtual DSP’ control registers
(described later in this section). Each X-Memory address within this window maps onto one 16-bit register in the CODEC
memory space.
Four moveable register windows are also provided, starting at X-Memory addresses 0xF000, 0xF400, 0xF800, and 0xFC00
respectively. Each window represents 1024 addresses in the X-Memory space. The start address, within the corresponding
device register space, for each window is configured using the DSPn_EXT_[A/B/C/D]_PAGE registers (where ‘A’ defines
the first window, ‘B’ defines the second window, etc.).
Two different mapping modes are supported, selected using the DSPn_EXT_[A/B/C/D]_PSIZE16 control bits for the
respective window. In 16-bit mode, each address within the window maps onto one 16-bit register in the device memory
space; the window equates to 1024 x 16-bit registers. In 32-bit mode, each address within the window maps onto two 16-bit
registers in the device memory space; the window equates to 1024 x 32-bit registers.
Note that the X-Memory is only 24-bits wide; as a result, the upper 8 bits of the odd-numbered register addresses are not
mapped, and cannot be accessed, in 32-bit mode.
The DSPn_EXT_[A/B/C/D]_PAGE registers are defined with an LSB = 512. Accordingly, the base address of each window



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com