Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 130 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 130 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 126Page - Cirrus Logic CS47L85 Datasheet HTML 127Page - Cirrus Logic CS47L85 Datasheet HTML 128Page - Cirrus Logic CS47L85 Datasheet HTML 129Page - Cirrus Logic CS47L85 Datasheet HTML 130Page - Cirrus Logic CS47L85 Datasheet HTML 131Page - Cirrus Logic CS47L85 Datasheet HTML 132Page - Cirrus Logic CS47L85 Datasheet HTML 133Page - Cirrus Logic CS47L85 Datasheet HTML 134Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 370 page
background image
CS47L85
130
Rev 4.3
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
DSP1 Base Address = R1048064 (0FFE00h)
DSP2 Base Address = R1572352 (17FE00h)
DSP3 Base Address = R2096640 (1FFE00h)
DSP4 Base Address = R2620928 (27FE00h)
DSP5 Base Address = R3145216 (2FFE00h)
DSP6 Base Address = R3669504 (37FE00h)
DSP7 Base Address = R4193792 (3FFE00h)
base address + 54h
DSPn_Ext_window_A
31
DSPn_EXT_A_PSIZE16
0
Register Window A page width select
0 = 32-bit
1 = 16-bit
Note that, in 32-bit mode, only the
lower 24 bits can be accessed.
15:0
DSPn_EXT_A_PAGE [15:0]
0000h
Sets the Base Address of Register
Window A in X-Memory.
Coded as LSB = 512 (200h)
base address + 56h
DSPn_Ext_window_B
31
DSPn_EXT_B_PSIZE16
0
Register Window B page width select
0 = 32-bit
1 = 16-bit
Note that, in 32-bit mode, only the
lower 24 bits can be accessed.
15:0
DSPn_EXT_B_PAGE [15:0]
0000h
Sets the Base Address of Register
Window B in X-Memory.
Coded as LSB = 512 (200h)
base address + 58h
DSPn_Ext_window_C
31
DSPn_EXT_C_PSIZE16
0
Register Window C page width select
0 = 32-bit
1 = 16-bit
Note that, in 32-bit mode, only the
lower 24 bits can be accessed.
15:0
DSPn_EXT_C_PAGE [15:0]
0000h
Sets the Base Address of Register
Window C in X-Memory.
Coded as LSB = 512 (200h)
base address + 5Ah
DSPn_Ext_window_D
31
DSPn_EXT_D_PSIZE16
0
Register Window D page width select
0 = 32-bit
1 = 16-bit
Note that, in 32-bit mode, only the
lower 24 bits can be accessed.
15:0
DSPn_EXT_D_PAGE [15:0]
0000h
Sets the Base Address of Register
Window D in X-Memory.
Coded as LSB = 512 (200h)
Table 26 X Data Memory Window Control
DSP FIRMWARE CONTROL
The DSP memory (Program, Coefficient, X-Data, and Y-Data) is enabled using the DSPn_MEM_ENA register bit for the
respective DSP. This memory must be enabled (DSPn_MEM_ENA=1) for read/write access, code execution, and DMA
functions. The DSP memory is disabled, and the contents lost, whenever the respective DSPn_MEM_ENA bit is set to 0.
The DSP6_MEM_ENA bit has no function; the DSP6 memory is enabled at all times during normal operation.
The DSPn_MEM_ENA bits are not affected by Software Reset; these bits will remain in their previous state under Software
Reset conditions. Accordingly, the DSP memory contents will be maintained through Software Reset, provided DCVDD is
held above its reset threshold.
On DSP1 to DSP5, and on DSP7, the DSP firmware memory is cleared under Hardware Reset conditions. For DSP6 only,
the contents of the DSP memory are retained during Hardware Reset, provided DCVDD is held above its reset threshold.
The DSP firmware memory is always cleared under Power-
On Reset (POR), and ‘Sleep’ mode conditions. See the
“Applications Information” section for a summary of the CS47L85 reset behaviour.
Clocking is required for each of the DSP processing blocks, when executing software or when supporting DMA functions.
(Note that clocking is not required for access to the firmware registers by the host processor.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com