Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 133 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 133 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 129Page - Cirrus Logic CS47L85 Datasheet HTML 130Page - Cirrus Logic CS47L85 Datasheet HTML 131Page - Cirrus Logic CS47L85 Datasheet HTML 132Page - Cirrus Logic CS47L85 Datasheet HTML 133Page - Cirrus Logic CS47L85 Datasheet HTML 134Page - Cirrus Logic CS47L85 Datasheet HTML 135Page - Cirrus Logic CS47L85 Datasheet HTML 136Page - Cirrus Logic CS47L85 Datasheet HTML 137Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 370 page
background image
CS47L85
Rev 4.3
133
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
3:1
DSPn_CLK_SEL_STS [2:0]
000
DSPn Clock Frequency
(Read only, Only valid when the
respective DSP Core is enabled)
000=5.5MHz to 9.375MHz
001=9.375MHz to 18.75MHz
010=18.75MHz to 37.5MHz
011=37.5MHz to 75MHz
100=75MHz to 150MHz
All other codes are Reserved
Note that, because DSPCLK could be
any frequency (within the valid
ranges), it is not possible to quote
exact frequencies in this register
definition. The exact frequency will be
derived as DSPCLK divided by 1, 2, 4,
8, or 16.
0
DSPn_CLK_AVAIL
0
DSPn Clock Availability
(Read only)
0 = No Clock
1 = Clock Available
Note
– this bit exists for legacy
software support only; it is not
recommended for future designs, as
the readback may be unreliable on the
latest device architectures.
base address +38h
DSPn_External_Start
4:0
DSPn_START_IN_SEL [4:0]
00h
DSPn Firmware Execution control
Selects the trigger for DSPn firmware
execution.
00h = DMA
01h = DSP1 Start 1
02h = DSP1 Start 1
03h = DSP2 Start 1
04h = DSP2 Start 2
05h = DSP3 Start 1
06h = DSP3 Start 2
07h = DSP4 Start 1
08h = DSP4 Start 2
0Bh = IRQ2
10h = Event Logger 1
11h = Event Logger 2
12h = Event Logger 3
13h = Event Logger 4
14h = Event Logger 5
15h = Event Logger 6
16h = Event Logger 7
17h = Event Logger 8
All other codes are Reserved.
Note that the DSPn_START bit will
also start the DSPn firmware
execution, regardless of this register
setting.
Table 27 DSP Memory and Clocking Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com