Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 137 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 137 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 133Page - Cirrus Logic CS47L85 Datasheet HTML 134Page - Cirrus Logic CS47L85 Datasheet HTML 135Page - Cirrus Logic CS47L85 Datasheet HTML 136Page - Cirrus Logic CS47L85 Datasheet HTML 137Page - Cirrus Logic CS47L85 Datasheet HTML 138Page - Cirrus Logic CS47L85 Datasheet HTML 139Page - Cirrus Logic CS47L85 Datasheet HTML 140Page - Cirrus Logic CS47L85 Datasheet HTML 141Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 370 page
background image
CS47L85
Rev 4.3
137
DSP INTERRUPTS
The DSP cores provide inputs to the Interrupt circuit, and can be used to trigger an Interrupt event when the associated
conditions occur. For each DSP, the following Interrupts are provided:
DMA Interrupt - asserted when all enabled DSP input (WDMA) channel buffers have been filled, and all enabled
DSP output (RDMA) channel buffers have been emptied
DSP Start 1, DSP Start 2 Interrupts - asserted when the respective Start signal is triggered
DSP Busy Interrupt - asserted when the DSP is busy (i.e., when firmware execution or DMA processes are started)
The CS47L85
also provides 16 control bits that allow the DSP cores to generate programmable Interrupt events. When a ‘1’
is written to these bits (see Table 29), the respective DSP Interrupt (DSP_IRQn_EINTx) will be triggered. The associated
Interrupt bits are latched once set; they can be polled at any time, or used to control the IRQ signal.
See “Interrupts” for further details.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R5632
(1600h)
ADSP2_IR
Q0
1
DSP_IRQ2
0
DSP IRQ2
Write ‘1’ to trigger the DSP_IRQ2_EINTn
interrupt.
0
DSP_IRQ1
0
DSP IRQ1
Write ‘1’ to trigger the DSP_IRQ1_EINTn
interrupt.
R5633
(1601h)
ADSP2_IR
Q1
1
DSP_IRQ4
0
DSP IRQ4
Write ‘1’ to trigger the DSP_IRQ4_EINTn
interrupt.
0
DSP_IRQ3
0
DSP IRQ3
Write
‘1’ to trigger the DSP_IRQ3_EINTn
interrupt.
R5634
(1602h)
ADSP2_IR
Q2
1
DSP_IRQ6
0
DSP IRQ6
Write ‘1’ to trigger the DSP_IRQ6_EINTn
interrupt.
0
DSP_IRQ5
0
DSP IRQ5
Write ‘1’ to trigger the DSP_IRQ5_EINTn
interrupt.
R5635
(1603h)
ADSP2_IR
Q3
1
DSP_IRQ8
0
DSP IRQ8
Write ‘1’ to trigger the DSP_IRQ8_EINTn
interrupt.
0
DSP_IRQ7
0
DSP IRQ7
Write ‘1’ to trigger the DSP_IRQ7_EINTn
interrupt.
R5636
(1604h)
ADSP2_IR
Q4
1
DSP_IRQ10
0
DSP IRQ10
Write ‘1’ to trigger the DSP_IRQ10_EINTn
interrupt.
0
DSP_IRQ9
0
DSP IRQ9
Write ‘1’ to trigger the DSP_IRQ9_EINTn
interrupt.
R5637
(1605h)
ADSP2_IR
Q5
1
DSP_IRQ12
0
DSP IRQ12
Write ‘1’ to trigger the DSP_IRQ12_EINTn
interrupt.
0
DSP_IRQ11
0
DSP IRQ11
Write ‘1’ to trigger the DSP_IRQ11_EINTn
interrupt.
R5638
(1606h)
ADSP2_IR
Q6
1
DSP_IRQ14
0
DSP IRQ14
Write ‘1’ to trigger the DSP_IRQ14_EINTn
interrupt.
0
DSP_IRQ13
0
DSP IRQ13
Write ‘1’ to trigger the DSP_IRQ13_EINTn
interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com