Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 135 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 135 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 131Page - Cirrus Logic CS47L85 Datasheet HTML 132Page - Cirrus Logic CS47L85 Datasheet HTML 133Page - Cirrus Logic CS47L85 Datasheet HTML 134Page - Cirrus Logic CS47L85 Datasheet HTML 135Page - Cirrus Logic CS47L85 Datasheet HTML 136Page - Cirrus Logic CS47L85 Datasheet HTML 137Page - Cirrus Logic CS47L85 Datasheet HTML 138Page - Cirrus Logic CS47L85 Datasheet HTML 139Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 370 page
background image
CS47L85
Rev 4.3
135
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
23:16
DSPn_WDMA_ACTIVE_CH
ANNELS [7:0]
00h
DSPn WDMA Channel Status
There are 8 WDMA channels; each
bit of this field indicates the status of
the respective WDMA channel.
Each bit is coded as:
0 = Inactive
1 = Active
base address +10h
DSPn_WDMA_Buffer_1
31:16
DSPn_START_ADDRESS_
WDMA_BUFFER_1 [15:0]
0000h
DSPn WDMA Channel 1 Start
Address
Bit [15] = Memory select
0 = X Data memory
1 = Y Data memory
Bits [14:0] = Address select
The address is defined relative to the
base address of the applicable data
memory. The LSB represents one 24-
bit DSP memory word.
Note that the start address is also
controlled by the respective
DSPn_WDMA_CHANNEL_OFFSET
bit.
15:0
DSPn_START_ADDRESS_
WDMA_BUFFER_0 [15:0]
0000h
DSPn WDMA Channel 0 Start
Address
Register description is as above.
base address +12h
DSPn_WDMA_Buffer_2
31:16
DSPn_START_ADDRESS_
WDMA_BUFFER_3 [15:0]
0000h
DSPn WDMA Channel 3 Start
Address
Register description is as above.
15:0
DSPn_START_ADDRESS_
WDMA_BUFFER_2 [15:0]
0000h
DSPn WDMA Channel 2 Start
Address
Register description is as above.
base address +14h
DSPn_WDMA_Buffer_3
31:16
DSPn_START_ADDRESS_
WDMA_BUFFER_5 [15:0]
0000h
DSPn WDMA Channel 5 Start
Address
Register description is as above.
15:0
DSPn_START_ADDRESS_
WDMA_BUFFER_4 [15:0]
0000h
DSPn WDMA Channel 4 Start
Address
Register description is as above.
base address +16h
DSPn_WDMA_Buffer_4
31:16
DSPn_START_ADDRESS_
WDMA_BUFFER_7 [15:0]
0000h
DSPn WDMA Channel 7 Start
Address
Register description is as above.
15:0
DSPn_START_ADDRESS_
WDMA_BUFFER_6 [15:0]
0000h
DSPn WDMA Channel 6 Start
Address
Register description is as above.
base address +20h
DSPn_RDMA_Buffer_1
31:16
DSPn_START_ADDRESS_
RDMA_BUFFER_1 [15:0]
0000h
DSPn RDMA Channel 1 Start
Address
Bit [15] = Memory select
0 = X Data memory
1 = Y Data memory
Bits [14:0] = Address select
The address is defined relative to the
base address of the applicable data
memory. The LSB represents one 24-
bit DSP memory word.
Note that the start address is also
controlled by the respective
DSPn_RDMA_CHANNEL_OFFSET
bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com