Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 136 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 136 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 132Page - Cirrus Logic CS47L85 Datasheet HTML 133Page - Cirrus Logic CS47L85 Datasheet HTML 134Page - Cirrus Logic CS47L85 Datasheet HTML 135Page - Cirrus Logic CS47L85 Datasheet HTML 136Page - Cirrus Logic CS47L85 Datasheet HTML 137Page - Cirrus Logic CS47L85 Datasheet HTML 138Page - Cirrus Logic CS47L85 Datasheet HTML 139Page - Cirrus Logic CS47L85 Datasheet HTML 140Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 370 page
background image
CS47L85
136
Rev 4.3
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
15:0
DSPn_START_ADDRESS_
RDMA_BUFFER_0 [15:0]
0000h
DSPn RDMA Channel 0 Start
Address
Register description is as above.
base address +22h
DSPn_RDMA_Buffer_2
31:16
DSPn_START_ADDRESS_
RDMA_BUFFER_3 [15:0]
0000h
DSPn RDMA Channel 3 Start
Address
Register description is as above.
15:0
DSPn_START_ADDRESS_
RDMA_BUFFER_2 [15:0]
0000h
DSPn RDMA Channel 2 Start
Address
Register description is as above.
base address +24h
DSPn_RDMA_Buffer_3
31:16
DSPn_START_ADDRESS_
RDMA_BUFFER_5 [15:0]
0000h
DSPn RDMA Channel 5 Start
Address
Register description is as above.
15:0
DSPn_START_ADDRESS_
RDMA_BUFFER_4 [15:0]
0000h
DSPn RDMA Channel 4 Start
Address
Register description is as above.
base address +30h
DSPn_DMA_Config_1
23:16
DSPn_WDMA_CHANNEL_E
NABLE [7:0]
00h
DSPn WDMA Channel Enable
There are 8 WDMA channels; each
bit of this field enables the respective
WDMA channel.
Each bit is coded as:
0 = Disabled
1 = Enabled
13:0
DSPn_DMA_BUFFER_LEN
GTH [13:0]
0000h
DSPn DMA Buffer Length
Selects the amount of data
transferred in each DMA channel.
The LSB represents one 24-bit DSP
memory word.
base address +32h
DSPn_DMA_Config_2
7:0
DSPn_WDMA_CHANNEL_
OFFSET [7:0]
00h
DSPn WDMA Channel Offset
There are 8 WDMA channels; each
bit of this field offsets the Start
Address of the respective WDMA
channel.
Each bit is coded as:
0 = No offset
1 = Offset by 8000h
base address +34h
DSPn_DMA_Config_3
21:16
DSPn_RDMA_CHANNEL_O
FFSET [5:0]
00h
DSPn RDMA Channel Offset
There are 6 RDMA channels; each bit
of this field offsets the Start Address
of the respective RDMA channel.
Each bit is coded as:
0 = No offset
1 = Offset by 8000h
5:0
DSPn_RDMA_CHANNEL_E
NABLE [5:0]
00h
DSPn RDMA Channel Enable
There are 6 RDMA channels; each bit
of this field enables the respective
RDMA channel.
Each bit is coded as:
0 = Disabled
1 = Enabled
base address +36h
DSPn_DMA_Config_4
0
DSPn_DMA_WORD_SEL
0
DSPn Data Word Format
0 = Q3.20 format (4 integer bits, 20
fractional bits)
1 = Q0.23 format (1 integer bit, 23
fractional bits)
The data word format should be set
according to the requirements of
the applicable DSP firmware.
Table 28 DSP Direct Memory Access (DMA) Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com