Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 134 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 134 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 130Page - Cirrus Logic CS47L85 Datasheet HTML 131Page - Cirrus Logic CS47L85 Datasheet HTML 132Page - Cirrus Logic CS47L85 Datasheet HTML 133Page - Cirrus Logic CS47L85 Datasheet HTML 134Page - Cirrus Logic CS47L85 Datasheet HTML 135Page - Cirrus Logic CS47L85 Datasheet HTML 136Page - Cirrus Logic CS47L85 Datasheet HTML 137Page - Cirrus Logic CS47L85 Datasheet HTML 138Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 370 page
background image
CS47L85
134
Rev 4.3
DSP DIRECT MEMORY ACCESS (DMA) CONTROL
Each DSP provides a multi-channel DMA function; this is configured using the registers described in Table 28.
There are 8 WDMA (DSP input) and 6 RDMA (DSP output) channels for each DSP; these are enabled using the
DSPn_WDMA_CHANNEL_ENABLE and DSPn_RDMA_CHANNEL_ENABLE fields. The status of each WDMA channel is
indicated in DSPn_WDMA_ACTIVE_CHANNELS.
The DMA can access the X data memory or Y data memory associated with the respective DSP. The applicable memory is
selected using bit [15] of the respective *_START_ADDRESS register.
The start address of each DMA channel is configured as described in Table 28. Note that the required address is defined
relative to the base address of the selected (X data or Y data) memory.
The buffer length of the DMA channels is configured using the DSPn_DMA_BUFFER_LENGTH field. The selected buffer
length applies to all enabled DMA channels.
Note that the start address registers, and buffer length registers, are defined in 24-bit DSP data word units. This means that
the LSB of these fields represents one 24-bit DSP memory word. (Note that this differs from the CS47L85 register map
layout, as described in Table 25).
The parameters of a DMA channel (i.e., Start Address or Offset Address) must not be changed whilst the respective DMA
is enabled. All of the DMA channels must be disabled before changing the DMA buffer length.
Each DMA channel uses a twin buffer mechanism to support uninterrupted data flow through the DSP. The buffers are called
‘ping’ and ‘pong’ respectively, and are of configurable size, as noted above. Data is transferred to/from each of the buffers
in turn.
When the ‘ping’ input data buffer is full, the DSPn_PING_FULL bit will be asserted (set to ‘1’), and a ‘DSP Start’ signal will
be generated
. The ‘Start’ signal from the DMA is typically used to start Firmware execution, as noted in Table 27. Meanwhile,
further DSP input data will be filling up the ‘pong’ buffer.
When the ‘pong’ input buffer is full, the DSPn_PONG_FULL bit will be asserted, and another ‘DSP Start’ signal will be
generated. The DSP Firmware must take care to read the input data from the applicable buffer, in accordance with the
DSPn_PING_FULL and DSPn_PONG_FULL status bits.
Twin buffers are also used on the DSP output (RDMA) channels. The output ‘ping’ buffers are emptied at the same time as
the input ‘ping’ buffers are filled; the output ‘pong’ buffers are emptied at the same time as the input ‘pong’ buffers are filled.
The DSP cores support 24-
bit signal processing. Under default conditions, the DSP audio data is in 2’s complement Q3.20
format (ie. 0xF00000 corresponds to the -1.0 level, and 0x100000 corresponds to the +1.0 level; a sine wave with peak
values of +/-1.0 corresponds to the 0 dBFS level). If DSPn_DMA_WORD_SEL is set, audio data is transferred to and from
DSPn in Q0.23 format. The applicable format should be set according to the requirements of the specific DSP firmware.
Note that the DSP cores are optimised for Q3.20 audio data processing; Q0.23 data can be supported, but the firmware
implementation may incur a reduction in power efficiency due to the higher MIPS required for arithmetic operations in non-
native data word format.
The DSPCLK system clock must be configured and enabled before any DMA channel is enabled. The DMA channels should
be kept disabled (DSPn_[WDMA/RDMA]_CHANNEL_ENABLE=00h
) if DSPCLK is not enabled. See “Clocking and Sample
Rates
” for details of the system clocks (including requirements for reconfiguring DSPCLK while DMA channels are enabled).
Further details of the DMA are provided in the software programming guide - please contact your local Cirrus Logic
representative if required.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
DSP1 Base Address = R1048064 (0FFE00h)
DSP2 Base Address = R1572352 (17FE00h)
DSP3 Base Address = R2096640 (1FFE00h)
DSP4 Base Address = R2620928 (27FE00h)
DSP5 Base Address = R3145216 (2FFE00h)
DSP6 Base Address = R3669504 (37FE00h)
DSP7 Base Address = R4193792 (3FFE00h)
base address +04h
DSPn_Status_1
31
DSPn_PING_FULL
0
DSPn WDMA Ping Buffer Status
0 = Not Full
1 = Full
30
DSPn_PONG_FULL
0
DSPn WDMA Pong Buffer Status
0 = Not Full
1 = Full



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com