Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 285 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 285 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 281Page - Cirrus Logic CS47L85 Datasheet HTML 282Page - Cirrus Logic CS47L85 Datasheet HTML 283Page - Cirrus Logic CS47L85 Datasheet HTML 284Page - Cirrus Logic CS47L85 Datasheet HTML 285Page - Cirrus Logic CS47L85 Datasheet HTML 286Page - Cirrus Logic CS47L85 Datasheet HTML 287Page - Cirrus Logic CS47L85 Datasheet HTML 288Page - Cirrus Logic CS47L85 Datasheet HTML 289Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 370 page
background image
CS47L85
Rev 4.3
285
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R6550
(1996h)
IRQ2_Raw
_Status_23
7
EVENT8_FULL_
STS2
0
Event Log n FIFO Full status
0 = FIFO Not Full
1 = FIFO Full
6
EVENT7_FULL_
STS2
0
5
EVENT6_FULL_
STS2
0
4
EVENT5_FULL_
STS2
0
3
EVENT4_FULL_
STS2
0
2
EVENT3_FULL_
STS2
0
1
EVENT2_FULL_
STS2
0
0
EVENT1_FULL_
STS2
0
R6551
(1997h)
IRQ2_Raw
_Status_24
7
EVENT8_WMAR
K_STS2
0
Event Log n FIFO Watermark status
0 = FIFO Watermark not reached
1 = FIFO Watermark reached
6
EVENT7_WMAR
K_STS2
0
5
EVENT6_WMAR
K_STS2
0
4
EVENT5_WMAR
K_STS2
0
3
EVENT4_WMAR
K_STS2
0
2
EVENT3_WMAR
K_STS2
0
1
EVENT2_WMAR
K_STS2
0
0
EVENT1_WMAR
K_STS2
0
R6552
(1998h)
IRQ2_Raw
_Status_25
6
DSP7_DMA_STS
2
0
DSPn DMA status
0 = Normal
1 = All enabled WDMA buffers filled, and
all enabled RDMA buffers emptied
5
DSP6_DMA_STS
2
00
4
DSP5_DMA_STS
2
00
3
DSP4_DMA_STS
2
00
2
DSP3_DMA_STS
2
00
1
DSP2_DMA_STS
2
00
0
DSP1_DMA_STS
2
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com